Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75423 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75423
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75423 Datasheet(HTML) 1 Page - Texas Instruments

  SN75423 Datasheet HTML 1Page - Texas Instruments SN75423 Datasheet HTML 2Page - Texas Instruments SN75423 Datasheet HTML 3Page - Texas Instruments SN75423 Datasheet HTML 4Page - Texas Instruments SN75423 Datasheet HTML 5Page - Texas Instruments SN75423 Datasheet HTML 6Page - Texas Instruments SN75423 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN75423, SN75424
HIGH-VOLTAGE HIGH-CURRENT
DARLINGTON TRANSISTOR ARRAYS
SLDS115 – FEBRUARY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 500-mA Rated Collector Current (Single
Output)
D High-Voltage Outputs... 100 V
D Output Clamp Diodes
D Inputs Compatible With Various Types of
Logic
D Relay Driver Applications
D Compatible With ULN2800A Series
D Packaged in Plastic (N) DIPs
description
The SN75423 and SN75424 are monolithic high-voltage, high-current Darlington transistor arrays. Each
consists of eight npn Darlington pairs that feature high-voltage outputs with common-cathode clamp diodes for
switching inductive loads. The collector-current rating of each Darlington pair is 500 mA. The Darlington pairs
can be paralleled for higher current capability. Applications include relay drivers, hammer drivers, lamp drivers,
display drivers (LED and gas discharge), line drivers, and logic buffers.
The SN75423 has a 2700-
Ω series base resistor for each Darlington pair for operation directly with TTL or 5-V
CMOS. The SN75424 has a 10.5-k
Ω series base resistor to allow operation directly with CMOS or PMOS that
use supply voltages of 6 to 15 V.
The SN75423 and SN75424 are designed for operation from 0
_C to 85_C.
logic symbol
7C
6C
5C
4C
3C
2C
1C
COM
7
6
5
4
3
2
1
7B
6B
5B
4B
3B
2B
1B
12
13
14
15
16
17
18
10
CLAMP
8C
8
8B
11
† This symbol is in accordance with ANSI/IEEE
Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
7B
6B
5B
4B
3B
2B
1B
7C
6C
5C
4C
3C
2C
1C
COM
7
6
5
4
3
2
1
12
13
14
15
16
17
18
10
8B
8C
811
GND
E
9
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
1B
2B
3B
4B
5B
6B
7B
8B
GND
1C
2C
3C
4C
5C
6C
7C
8C
COM


Similar Part No. - SN75423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75423 TI-SN75423 Datasheet
117Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
SN75423N TI-SN75423N Datasheet
117Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
SN75423N-90 TI-SN75423N-90 Datasheet
117Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results

Similar Description - SN75423

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com