Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75182 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75182
Description  DUAL DIFFERENTIAL LINE RECEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75182 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75182 Datasheet HTML 3Page - Texas Instruments SN75182 Datasheet HTML 4Page - Texas Instruments SN75182 Datasheet HTML 5Page - Texas Instruments SN75182 Datasheet HTML 6Page - Texas Instruments SN75182 Datasheet HTML 7Page - Texas Instruments SN75182 Datasheet HTML 8Page - Texas Instruments SN75182 Datasheet HTML 9Page - Texas Instruments SN75182 Datasheet HTML 10Page - Texas Instruments SN75182 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN55182, SN75182
DUAL DIFFERENTIAL LINE RECEIVERS
SLLS092D – OCTOBER 1972 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
DIFFERENTIAL INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
0.2
0.1
0
–0.1
–0.2
5.5
5
–0.3
6
0.3
VCC – Supply Voltage – V
4.5
VO = 2.5 V, IO = –400 µA
VO = 0.4 V, IO = 16 mA
VIC = 0
TA = 25°C
Figure 3
VIC – Common-Mode Input Voltage – V
DIFFERENTIAL INPUT THRESHOLD VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
10
0
–10
–0.5
20
0.5
–20
VCC = 5 V
TA = 25°C
VO = 2.5 V, IO = –400 µA
VO = 0.4 V, IO = 16 mA
–15
–5
5
15
DIFFERENTIAL INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
50
0
–50
–100
–150
100
75
50
25
0
–25
–50
–200
125
100
TA – Free-Air Temperature – °C
–75
VCC = 5 V
VIC = 0
VO = 0.4 V, IO = 16 mA
VO = 2.5 V, IO = –400 µA
Figure 4
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Similar Part No. - SN75182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75182 TI-SN75182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182D TI1-SN75182D Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DE4 TI1-SN75182DE4 Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DG4 TI1-SN75182DG4 Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com