Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD684JE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # OD684JE
Description  OD/OF/OA Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

OD684JE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  OD684JE Datasheet HTML 1Page - Ohmite Mfg. Co. OD684JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Tape/Reel
OD
OF
Qty./reel
5000
3000
Reel size (mm)
260
260
Qty./carton
40,000 24,000
Gross carton wt. (kg)
12
13
Carton size (m3)
0.04
0.04
Ammo Box
OD
OF
Tape width (mm)
52
52
Qty./box
2000
2000
Qty./carton
30,000 30,000
Gross carton wt. (kg)
10
16
Carton size (m3)
0.03
0.05
75mm
±5
60mm
±5 (OD)
65mm
±5 (OF)
275mm
±5 (OD)
455mm
±5 (OF)
52.4mm +1.6
-1.4
6mm
±.5
5.08mm
±.38
0.5mm max.
L1
L2
L1 – L2 = 1mm max.
1mm max.
3.2mm min.
280mm
(ref.)
260mm
±5
60.4mm
±1
14.5mm
±.5
3mm
60.4mm
±1
OD/OF/OA Series
Little Demon® Carbon Composition Molded
OD/OF Series (5% Tol.) OA Series (10%)
p A ck A ging
re S i S t O r u S e gui D eline S
b A ke pr O ce D ure
O r D ering in FO rm Ati O n
A. Heat Treatment
110°C±10°C
15hours
B. Frequency of
heat treatment
1timeonly
Carbon composition resistors are manufactured by extruding
a blend of carbon and organic binders inside a phenolic outer
body. The extrusion is cut to length, leads inserted, cured,
and marked to form a finished resistor. The carbon and binder
mixture is adjusted to produce different resistance values. The
resistorsaresortedfor5%,10%,and20%tolerancevalues.
Carbon composition resistors are able to withstand larger
short-term pulses and higher voltages than film resistors and
arevirtuallyimpervioustoESDevents(Electro-staticdis-
charge). Carbon composition resistors are also sensitive to
moisture and, therefore, storage recommendations should be
adhered to. Generally, any moisture absorbed during storage
will be "baked out" during the soldering operation. If the prod-
uct is stored properly the resistance shift during the soldering
operationwillbeminimal,lessthan2%or3%.
Carbon composition resistors are highly hygroscopic and
changes in resistance value can occur if too much moisture is
absorbed.Forthisreason,itisrecommendednottousewater
or water-soluble solvents to clean these components. Alcohol
or hydrocarbon solvents are recommended for rinsing.
All resistors are packaged in sealed poly bags with desiccant
to maintain a consistent humidity during storage. If parts are
removed from the protective plastic bag they should be used
as soon as possible or resealed in the plastic bag.
Storage: Ohmite recommends storing carbon composition
resistorsinacontrolledenvironmentatatemperatureof5°to
35°Candrelativehumidityoflessthan60%.Inventoryshould
always be used on a first-in-first-out basis.
D. Cautions
Solderability: may be affected due to oxidization of lead wire
Resistance value: some units may not completely recover to
original value.
Soldering heat: some treated product may have substantial
resistance change during soldering operation. It is recom-
mended that parts be tested to evaluate soldering heat
effects.
C. Solder heat test after treatment
Solder
Dip
Type
Temp.
Time
Evaluation
OD
300°C
3sec
within±3%
OF
350°C
3sec
within±3%
*DepthofImmersion:3mmfromtheresistor
body
CompoSition
axial
•OD/OFSeriesavailableinE24values
•OASeriesavailableinE12values
Series
OD
OF
OA
Tolerance
OD, OF:J =5%
OA:
K = 10%
Ohms
68G =
6.8
680 =68
681 =
680
682 =
6,800
683 = 68,000
684 = 680,000
RoHS compliant
OD683JE -TR
Tape & reel
optional


Similar Part No. - OD684JE

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD600 ORIONFANS-OD600 Datasheet
5Mb / 8P
   AC & EC FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
OD6010 ORIONFANS-OD6010 Datasheet
5Mb / 8P
   AC & EC FANS
OD6010-05L ORIONFANS-OD6010-05L Datasheet
100Kb / 1P
   FAN
OD6010-05L ORIONFANS-OD6010-05L Datasheet
454Kb / 1P
   DC Fan - 5V, 12V 60x10mm (2.36?쓝 0.39??
More results

Similar Description - OD684JE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
130JE ETC2-130JE Datasheet
124Kb / 1P
   Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
logo
Ohmite Mfg. Co.
7071 OHMITE-7071 Datasheet
124Kb / 1P
   Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF102JE OHMITE-OF102JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF100JE OHMITE-OF100JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF750JE OHMITE-OF750JE Datasheet
306Kb / 2P
   Little Demon Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
OD103JE OHMITE-OD103JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF820JE OHMITE-OF820JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
logo
List of Unclassifed Man...
M801 ETC-M801 Datasheet
219Kb / 1P
   OD M801
logo
NIHON DEMPA KOGYO
NX2016HA NDK-NX2016HA Datasheet
666Kb / 1P
   For OA / AV
NX5032GB NDK-NX5032GB_15 Datasheet
296Kb / 1P
   For OA / AV
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com