Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS194NSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75ALS194NSRG4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS194NSRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS194NSRG4 Datasheet HTML 1Page - Texas Instruments SN75ALS194NSRG4 Datasheet HTML 2Page - Texas Instruments SN75ALS194NSRG4 Datasheet HTML 3Page - Texas Instruments SN75ALS194NSRG4 Datasheet HTML 4Page - Texas Instruments SN75ALS194NSRG4 Datasheet HTML 5Page - Texas Instruments SN75ALS194NSRG4 Datasheet HTML 6Page - Texas Instruments SN75ALS194NSRG4 Datasheet HTML 7Page - Texas Instruments SN75ALS194NSRG4 Datasheet HTML 8Page - Texas Instruments SN75ALS194NSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN55ALS194, SN75ALS194
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS009D – OCTOBER 1985 – REVISED MAY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of ANSI
Standard EIA/TIA-422-B and ITU
Recommendation V.11
D Designed to Operate Up to 20 Mbaud
D 3-State TTL-Compatible Outputs
D Single 5-V Supply Operation
D High Output Impedance in Power-Off
Condition
D Two Pairs of Drivers, Independently
Enabled
D Designed as Improved Replacements for
the MC3487
description
These four differential line drivers are designed
for data transmission over twisted-pair or
parallel-wire transmission lines. They meet the
requirements of ANSI Standard EIA/TIA-422-B
and
ITU
Recommendation
V.11
and
are
compatible with 3-state TTL circuits. Advanced
low-power Schottky technology provides high
speed without the usual power penalty. Standby
supply current is typically only 26 mA. Typical
propagation delay time is less than 10 ns, and
enable/disable times are typically less than
16 ns.
High-impedance inputs keep input currents low:
less than 1
µA for a high level and less than
100
µA for a low level. The driver circuits can be
enabled in pairs by separate active-high enable
inputs. The SN55ALS194 and SN75ALS194 are
capable of data rates in excess of 20 megabits
per second and are designed to operate with the
SN55ALS195 and SN75ALS195 quadruple line
receivers.
The SN55ALS194 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN75ALS194 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUTS
OUTPUT
OUTPUTS
A
EN
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
H = high level, L = low level, X = irrelevant,
Z = high impedance
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
1, 2EN
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
3, 4EN
3Z
3Y
3A
SN55ALS194 ...J OR W PACKAGE
SN75ALS194 ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4Y
4Z
NC
3, 4EN
3Z
1Z
1, 2EN
NC
2Z
2Y
SN55ALS194 ...FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN75ALS194NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS194NSRG4 TI-SN75ALS194NSRG4 Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75ALS194NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI-SN65LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com