Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS194DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75ALS194DG4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS194DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS194DG4 Datasheet HTML 2Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 3Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 4Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 5Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 6Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 7Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 8Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 9Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN55ALS194, SN75ALS194
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS009D – OCTOBER 1985 – REVISED MAY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
200
S3
5 V
See Note C
50
0 V or 3 V
Output
S1
1 k
Output
Enable
Input
1.5 V
VOL
0 V
tPHZ
0.5 V
0.5 V
tPLZ
VOH
3 V
Output
S1 Closed
S2 Closed
Output
S1 Closed
S2 Closed
≈ 1.5 V
Output
Enable
Input
1.5 V
VOL
0 V
tPZL
tPZH
VOH
3 V
Output
S1 Closed
S2 Open
Output
S1 Open
S2 Closed
S2
Generator
(see Note A)
CL = 15 pF
(see Note B)
1.5 V
≈ 1.5 V
1.5 V
1.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: tr ≤ 5 ns, tf ≤ 5 ns, PRR ≤ 1 MHz, duty cycle ≤ 50%,
ZO ≈ 50 Ω .
B. CL includes probe and stray capacitance.
C. All diodes are 1N916 or 1N3064.
Figure 4. Driver Test Circuit and Voltage Waveforms


Similar Part No. - SN75ALS194DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS194DG4 TI-SN75ALS194DG4 Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75ALS194DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI-SN65LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com