Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8405ADTRKG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8405ADTRKG
Description  Self-Protected Low Side Driver with Temperature and Current Limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8405ADTRKG Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8405ADTRKG Datasheet HTML 1Page - ON Semiconductor NCV8405ADTRKG Datasheet HTML 2Page - ON Semiconductor NCV8405ADTRKG Datasheet HTML 3Page - ON Semiconductor NCV8405ADTRKG Datasheet HTML 4Page - ON Semiconductor NCV8405ADTRKG Datasheet HTML 5Page - ON Semiconductor NCV8405ADTRKG Datasheet HTML 6Page - ON Semiconductor NCV8405ADTRKG Datasheet HTML 7Page - ON Semiconductor NCV8405ADTRKG Datasheet HTML 8Page - ON Semiconductor NCV8405ADTRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCV8405, NCV8405A
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
8 V
1
10
10
100
Figure 2. Single Pulse Maximum Switch−off
Current vs. Load Inductance
L (mH)
TJstart = 25°C
TJstart = 150°C
10
100
1000
10
100
Figure 3. Single Pulse Maximum Switching
Energy vs. Load Inductance
L (mH)
TJstart = 25°C
TJstart = 150°C
1
10
100
110
Figure 4. Single Pulse Maximum Inductive
Switch−off Current vs. Time in Clamp
TIME IN CLAMP (ms)
TJstart = 25°C
TJstart = 150°C
10
100
1000
110
Figure 5. Single Pulse Maximum Inductive
Switching Energy vs. Time in Clamp
TIME IN CLAMP (ms)
TJstart = 25°C
TJstart = 150°C
Figure 6. Output Characteristics
VDS = 10 V
25°C
100°C
150°C
−40°C
VGS (V)
Figure 7. Transfer Characteristics
VDS (V)
VGS = 2.5 V
3 V
4 V
5 V
6 V
10 V
TA = 25°C
0
2
4
6
8
10
12
14
0
1
23
45
7 V
9 V
0
2
4
6
8
10
12
12
3
4
5


Similar Part No. - NCV8405ADTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
111Kb / 12P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 5
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
255Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
June, 2019 - Rev. 8
More results

Similar Description - NCV8405ADTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8402ASTT3G ONSEMI-NCV8402ASTT3G Datasheet
128Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2012 ??Rev. 8
NCV8405 ONSEMI-NCV8405 Datasheet
164Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2009 ??Rev. P0
NCV8406ASTT1G ONSEMI-NCV8406ASTT1G Datasheet
147Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401 ONSEMI-NCV8401 Datasheet
156Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2010 ??Rev. 7
NCV8402 ONSEMI-NCV8402 Datasheet
158Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2009 ??Rev. 6
NCV8401 ONSEMI-NCV8401_12 Datasheet
134Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2012 ??Rev. 10
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401A ONSEMI-NCV8401A_V01 Datasheet
189Kb / 11P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2017 - Rev. 13
NCV8408-D ONSEMI-NCV8408-D Datasheet
117Kb / 7P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2012 ??Rev. 0
NCV8408 ONSEMI-NCV8408 Datasheet
160Kb / 9P
   Self-Protected Low Side Driver with Temperature and Current Limit
March, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com