Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD235DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD235DR
Description  3.3-V CAN TRANSCEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD235DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD235DR Datasheet HTML 7Page - Texas Instruments SN65HVD235DR Datasheet HTML 8Page - Texas Instruments SN65HVD235DR Datasheet HTML 9Page - Texas Instruments SN65HVD235DR Datasheet HTML 10Page - Texas Instruments SN65HVD235DR Datasheet HTML 11Page - Texas Instruments SN65HVD235DR Datasheet HTML 12Page - Texas Instruments SN65HVD235DR Datasheet HTML 13Page - Texas Instruments SN65HVD235DR Datasheet HTML 14Page - Texas Instruments SN65HVD235DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
CANH
CANL
RS
D
15 pF
±20%
+
-
VO
60
Ω ±1%
DUT
VI
LBK or AB
VCC
0 V
VI
VO
t(loop2)
VOH
VOL
0
Ω, 10 kΩ,
or 100 k
Ω ±5%
EN
VCC
HVD233/235
HVD234
R
t(loop1)
50%
50%
50%
50%
NOTE: All VI input pulses are supplied by a generator having the following characteristics:
tr or tf ≤ 6 ns, pulse repetition rate (PRR) = 125 kHz, 50% duty cycle.
CANH
CANL
RS
D
15 pF
±20%
+
-
VO
60
Ω ±1%
HVD233
VI
LBK
VCC
0 V
VI
VO
t(LBK1)
VOH
VOL
VCC
R
t(LBK2)
50%
50%
50%
50%
+
-
VOD
≈ 2.3 V
VOD
t(LBK) = t(LBK1) = t(LBK2)
NOTE: All VI input pulses are supplied by a generator having the following characteristics:
tr or tf ≤ 6 ns, pulse repetition rate (PRR) = 125 kHz, 50% duty cycle.
CANH
CANL
RS
D
15 pF
±20%
+
-
VO
60
Ω ±1%
HVD235
VI
AB
VCC
0 V
VI
VO
t(ABH)
VOH
VOL
VCC
R
t(ABL)
50%
50%
50%
50%
+
-
VOD
≈ 2.3 V
VOD
t(AB1) = t(ABH) = t(ABL)
NOTE: All VI input pulses are supplied by a generator having the following characteristics: tr
or tf ≤ 6 ns, pulse repetition rate (PRR) = 125 kHz, 50% duty cycle.
SN65HVD233
SN65HVD234
SN65HVD235
www.ti.com.............................................................................................................................................. SLLS557F – NOVEMBER 2002 – REVISED AUGUST 2008
Figure 11. t(loop) Test Circuit and Voltage Waveforms
Figure 12. t(LBK) Test Circuit and Voltage Waveforms
Figure 13. t(AB1) Test Circuit and Voltage Waveforms
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65HVD233 SN65HVD234 SN65HVD235


Similar Part No. - SN65HVD235DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD235DR TI-SN65HVD235DR Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD235DR TI-SN65HVD235DR Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD235DR TI1-SN65HVD235DR Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD235DR TI-SN65HVD235DR Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD235DRG4 TI-SN65HVD235DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD235DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com