Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM72238TDE-3.3 Datasheet(PDF) 2 Page - Texas Instruments

Part # SM72238TDE-3.3
Description  SM72238TD-50
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM72238TDE-3.3 Datasheet(HTML) 2 Page - Texas Instruments

  SM72238TDE-3.3 Datasheet HTML 1Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 2Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 3Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 4Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 5Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 6Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 7Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 8Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SM72238
SNVS694C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Front View
Figure 2. PFM Package
See Package Number NDP0003B
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Supply Voltage
−0.3 to +30V
Power Dissipation
Internally Limited
Junction Temperature (TJ)
+150°C
Ambient Storage Temperature
−65° to +150°C
Soldering Dwell Time, Temperature
Wave
4 seconds, 260°C
Infrared
10 seconds, 240°C
Vapor Phase
75 seconds, 219°C
ESD Rating
Human Body Model(3)
2500V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human Body Model 1.5k
Ω in series with 100pF.
Operating Ratings
(1)
Maximum Input Supply Voltage
30V
Junction Temperature Range, (TJ)
(2)
−40° to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
Junction-to-case thermal resistance for the PFM package is 5.4°C/W.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72238


Similar Part No. - SM72238TDE-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72238TDE-3.3 NSC-SM72238TDE-3.3 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TDE-3.3/NOPB TI1-SM72238TDE-3.3/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
More results

Similar Description - SM72238TDE-3.3

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN50 TRACOPOWER-TEN50 Datasheet
907Kb / 5P
   TEN 50 Series, 50 Watt
Rev. November 30, 2022
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
   Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Analog Devices
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
logo
Pulse A Technitrol Comp...
CX2039LNL PULSE-CX2039LNL Datasheet
180Kb / 2P
   XFMR, RF SGL RAC 50:50
logo
Astec America, Inc
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
logo
PHOENIX CONTACT
3009118 PHOENIX-3009118 Datasheet
149Kb / 7P
   UKH 50
logo
Astec America, Inc
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
   50 Watts
logo
Rosenberger Hochfrequen...
51S156-S00N5 ROSENBERGER-51S156-S00N5 Datasheet
43Kb / 2P
   ADAPTOR bnc 50 PLUG ??TNc 50 PLUG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com