Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR331-253AE Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # DR331-253AE
Description  Surface Mount Data Line Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

DR331-253AE Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  DR331-253AE Datasheet HTML 1Page - Bourns Electronic Solutions DR331-253AE Datasheet HTML 2Page - Bourns Electronic Solutions DR331-253AE Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
DR331 Series Surface Mount Data Line Chokes
Features
I RoHS compliant*
I Bifilar or sector windings
I Wide frequency range over 1000 MHz
I Rated current 0.2 to 0.5A
I Open construction is more economical
than DR332 Series
Applications
I For the suppression of EMI in data and
signal lines, e.g. CAN Bus
9.00 ± 0.3
(.354 ± .012)
7.30
(.287)
TYP.
0.30
(.012)
0.50
(.020)
4.70 ± 0.3
(.185 ± .012)
5.40 ± 0.3
(.213 ± .012)
1
2
1
2
4
3
4
3
5.50
(.217)
TYP.
TYP.
TYP.
1.75
(.069)
2.54
(.100)
TYP.
1
N2
N1
2
4
3
= POLARITY
Schematic
Typical Part Marking
DIMENSIONS:
MM
(INCHES)
113B = DR331-113B
DATE CODE: WEEK
DATE CODE: YEAR
113B
0518
Product Dimensions
Recommended PCB Layout
Electrical Characteristics (@ 25
°C)
L (1-4)
LL (1-4)
Bourns
@ 100 kHz,
@ 100 kHz,
RDC (
Ω)
Rated
Part
0.1 Vrms
0.1 Vrms
(Winding)
Current
Number
(µH)
(Typ.) (2-3 Short)
Max.
Max.
Winding
DR331-113BE
11.0 ±25 %
0.05 µH
0.12
0.5 A
Bifilar
DR331-253AE
25.0 ±25 %
1.50 µH
0.20
0.5 A
Sector
DR331-513AE
51.0 ±25 %
2.00 µH
0.30
0.5 A
Sector
DR331-513BE
51.0 ±25 %
0.60 µH
0.30
0.5 A
Bifilar
DR331-104AE
100.0 ±25 %
0.85 µH
0.10
0.5 A
Sector
DR331-474BE
470.0 ±25 %
0.28 µH
0.28
0.5 A
Bifilar
DR331-105BE
1000.0 ±25 %
0.29 µH
0.40
0.5 A
Bifilar
DR331-225BE
2200.0 ±25 %
0.30 µH
0.70
0.3 A
Bifilar
DR331-475BE
4700.0 ±25 %
0.30 µH
0.70
0.2 A
Bifilar
Rated Voltage ..................80 Vdc/42 Vac
Hipot (1 sec.)..........250 Vac/60 Hz, 3 mA
*Operating Temperature ..-40 to +135 °C
*Storage Temperature ......-40 to +135 °C
Temperature Rise
..................30 °C max. at rated current
Resistance to Solder Heat
......................................260 °C 10 sec.
Core ..............................................Ferrite
Wire ......Enameled copper wire (Class F)
Base ........................Phenolic (UL 94V-0)
Terminal ....................................Cu/Ni/Sn
Adhesive................................Epoxy resin
Packaging ..................1500 pcs. per reel
REF.
9.60
(.378)
REF.
REF.
3.70
(.146)
1.20
(.047)
REF.
2.20
(.087)
How to Order
DR331 - 253 A E
Model
Value Code
See Model-Value Table
Winding Type
A = Sector
B = Bifilar
Terminal
E = Cu/Ni/Sn (RoHS compliant)


Similar Part No. - DR331-253AE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
DR331-253AE BOURNS-DR331-253AE Datasheet
252Kb / 3P
   Surface Mount Data Line Chokes
More results

Similar Description - DR331-253AE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
DR221 BOURNS-DR221 Datasheet
219Kb / 2P
   Surface Mount Data Line Chokes
DR221 BOURNS-DR221_11 Datasheet
108Kb / 2P
   Surface Mount Data Line Chokes
DR331 BOURNS-DR331 Datasheet
252Kb / 3P
   Surface Mount Data Line Chokes
DR332 BOURNS-DR332 Datasheet
232Kb / 3P
   Surface Mount Data Line Chokes
logo
Central Technologies
CTDR0904F CT-CTDR0904F Datasheet
223Kb / 2P
   Data Line Chokes
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com