Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW100505-82NJ Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CW100505-82NJ
Description  CW100505 Series High Q Ceramic Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW100505-82NJ Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CW100505-82NJ Datasheet HTML 1Page - Bourns Electronic Solutions CW100505-82NJ Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REV. 08/13
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CW100505 Series High Q Ceramic Chip Inductors
Packaging Specifications
10.0 +0
(.394 +0)
12.5
(.492)
2.0
± 0.5
(.079
± .020)
50.0 -0
(1.969 -0)
178
(7.008)
DIA.
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0
± 0.8
(.827
± .031)
USER DIRECTION OF FEED
200
(7.874)
MIN.
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.748)
MIN.
START
4
(.157)
2
(.079)
END
L vs. Frequency
100
80
60
40
20
0
1
10
100
Frequency (MHz)
1000
10000
-27NJ
-12NJ
-5N6J
-1N0D
120
100
80
40
20
0
1
10
100
Frequency (MHz)
1000
10000
60
-27NJ
-12NJ
-5N6J
-1N0D
Q vs. Frequency
DIMENSIONS:
MM
(INCHES)
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
10,000 PCS. PER REEL


Similar Part No. - CW100505-82NJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW100505-82NJ BOURNS-CW100505-82NJ Datasheet
488Kb / 2P
   CW100505 Series High Q Ceramic Chip Inductors
More results

Similar Description - CW100505-82NJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW100505-1N0D BOURNS-CW100505-1N0D Datasheet
488Kb / 2P
   CW100505 Series High Q Ceramic Chip Inductors
logo
RENCO ELECTRONICS, INC.
RL-7700-3HQ RENCO-RL-7700-3HQ Datasheet
1Mb / 2P
   HIGH Q CERAMIC WIREWOUND CHIP INDUCTORS
logo
Allied Components Inter...
CHQ05-2N5K-RC ALLIED-CHQ05-2N5K-RC Datasheet
410Kb / 1P
   Ceramic Core High Q Chip Inductors
CHQ10-4N1K-RC ALLIED-CHQ10-4N1K-RC Datasheet
435Kb / 1P
   Ceramic Core High Q Chip Inductors
CHC03-1N6K-RC ALLIED-CHC03-1N6K-RC Datasheet
422Kb / 1P
   Ceramic Core High Q Chip Inductors
logo
Bourns Electronic Solut...
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
   High Q Chip Inductors
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
   High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
   High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
   High Q Chip Inductors
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
   High Q Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com