Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP61L256BV-12 Datasheet(PDF) 3 Page - AMIC Technology

Part # LP61L256BV-12
Description  32K X 8 Bit High SPEED LOW VCC CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256BV-12 Datasheet(HTML) 3 Page - AMIC Technology

  LP61L256BV-12 Datasheet HTML 1Page - AMIC Technology LP61L256BV-12 Datasheet HTML 2Page - AMIC Technology LP61L256BV-12 Datasheet HTML 3Page - AMIC Technology LP61L256BV-12 Datasheet HTML 4Page - AMIC Technology LP61L256BV-12 Datasheet HTML 5Page - AMIC Technology LP61L256BV-12 Datasheet HTML 6Page - AMIC Technology LP61L256BV-12 Datasheet HTML 7Page - AMIC Technology LP61L256BV-12 Datasheet HTML 8Page - AMIC Technology LP61L256BV-12 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LP61L256B Series
(August, 2001, Version 1.0)
3
AMIC Technology, Inc.
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0
0.8
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +4.6V
IN, IN/OUT Volt to GND . . . . . . . . . . -0.3V to VCC +0.3V
Operating Temperature, Topr . . . . . . . . . . . 0
°C to +70°C
Storage Temperature, Tstg . . . . . . . . . . -55
°C to +125°C
Power Dissipation, Pt . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended
periods may affect device reliability.
DC Electrical Characteristics (TA = 0
°C to 70°C, VCC = 3.3V ± 10%, GND = 0V)
LP61L256B-12
Symbol
Parameter
Min.
Max.
Unit
Conditions
ILI
Input Leakage Current
-
2
µA
VIN = GND to VCC
ILO
Output Leakage Current
-
2
µA
CE = VIH or OE = VIH
VI/O = GND to VCC
ICC1 (1)
Dynamic Operating Current
-
100
mA
CE = VIL, II/O = 0 mA
ISB
-
20
mA
CE = VIH
ISB1
Standby Power
Supply Current
-
10
mA
CE
≥ VCC - 0.2V
VIN
≥ VCC - 0.2V or
VIN
≤ 0.2V
VOL
Output Low Voltage
-
0.4
V
IOL = 8 mA
VOH
Output High Voltage
2.4
-
V
IOH = -4 mA
Notes: 1. ICC1 is dependent on output loading, cycle rates, and Read/Write patterns.


Similar Part No. - LP61L256BV-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LP61L256CS-12 AMICC-LP61L256CS-12 Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LP61L256CS-15 AMICC-LP61L256CS-15 Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LP61L256BV-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A615308 AMICC-A615308 Datasheet
199Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com