Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF70ACC635050 Datasheet(PDF) 1 Page - TDK Electronics

Part # HF70ACC635050
Description  EMC Components Ferrite Beads SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF70ACC635050 Datasheet(HTML) 1 Page - TDK Electronics

  HF70ACC635050 Datasheet HTML 1Page - TDK Electronics HF70ACC635050 Datasheet HTML 2Page - TDK Electronics HF70ACC635050 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• All specifications are subject to change without notice.
(1/3)
20010531 / e9413_acc.fm
EMC Components
ACC Series
Ferrite Beads
SMD
FEATURES
• With 4 types rated at 1.5A and 3 types rated at 3A, and with a
range of frequency characteristics available for each type, the
ACC series facilitates selection of the most appropriate part for
any given application.
• Effective EMC suppression over a broad band can be achieved
simply be inserting this product into the DC power line on the cir-
cuit board.
SHAPES AND DIMENSIONS
Dimensions in mm
CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERNS
REFLOW AND FLOW SOLDERINGS
Dimensions in mm
ELECTRICAL CHARACTERISTICS
X : Packaging style (T: Taping [ø180mm reel], TL: Taping [ø330mm reel])
Shape
L
W
T
D
HF201209
2±0.2
1.25±0.2
0.9±0.2
0.3±0.2
HF321611
3.2±0.2
1.6±0.2
1.1±0.2
0.3±0.2
HF322513
3.2±0.3
2.5±0.2
1.3±0.2
0.3±0.2
HF453215
4.5±0.25
3.2±0.25
1.5±0.25
0.3±0.2
HF575018
5.7±0.4
5±0.3
1.8±0.3
0.2
HF575032
5.7±0.4
5±0.3
3.2±0.3
0.2
HF635050
6.4±0.4
5±0.3
4.74±0.3
0.2
L
D
Terminal electrode
Ferrite
Insulation resin
No polarity
Type
abc
HFXXACC201209
1
1
1
HFXXACC321611
1.1
2.2
1.4
HFXXACC322513
1.1
2.2
2.3
HFXXACC453215
1.5
3
3
HFXXACC575018
2
4
5.8
HFXXACC575032
2
4
5.8
HFXXACC635050
2
4.5
5.8
Shape
Part No.
Impedance
(
)[100MHz]
DC
resistance
(
)max.
Rated
current
(A)max.
201209
HF70ACC201209-X
10±25%
0.03
1.5
HF50ACC201209-X
11±25%
0.03
1.5
HF30ACC201209-X
7±25%
0.03
1.5
321611
HF70ACC321611-X
26±25%
0.04
1.5
HF50ACC321611-X
31±25%
0.04
1.5
HF30ACC321611-X
19±25%
0.04
1.5
322513
HF70ACC322513-X
52±25%
0.05
1.5
HF50ACC322513-X
60±25%
0.05
1.5
HF30ACC322513-X
31±25%
0.05
1.5
453215
HF70ACC453215-X
120±25%
0.05
1.5
HF50ACC453215-X
125±25%
0.05
1.5
HF30ACC453215-X
70±25%
0.05
1.5
575018
HF70ACC575018-X
150±25%
0.04
3
HF50ACC575018-X
180±25%
0.04
3
HF30ACC575018-X
100±25%
0.04
3
575032
HF70ACC575032-X
300±25%
0.04
3
HF50ACC575032-X
400±25%
0.04
3
HF30ACC575032-X
270±25%
0.04
3
635050
HF70ACC635050-X
500±25%
0.04
3
HF50ACC635050-X
600±25%
0.04
3
HF30ACC635050-X
750±25%
0.04
3
ab
a
Resist
Land pattern


Similar Part No. - HF70ACC635050

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70ACC635050-T TDK-HF70ACC635050-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC635050-X TDK-HF70ACC635050-X Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC635050-X TDK-HF70ACC635050-X Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC635050-X TDK-HF70ACC635050-X Datasheet
77Kb / 3P
   Ferrite Beads SMD
HF70ACC635050-X TDK-HF70ACC635050-X Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
More results

Similar Description - HF70ACC635050

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70ACC635050-T TDK-HF70ACC635050-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC322513-T TDK-HF70ACC322513-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF201209 TDK-HF201209 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC453215-T TDK-HF70ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
ACB2012M-080-T TDK-ACB2012M-080-T Datasheet
86Kb / 3P
   EMC Components Ferrite Beads SMD
MZA2010 TDK-MZA2010 Datasheet
76Kb / 3P
   EMC Components Ferrite Beads SMD Array
ZBDS TDK-ZBDS Datasheet
38Kb / 1P
   EMC Components Ferrite Beads SMD Array
HF30ACC453215-T TDK-HF30ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads
HF50ACC321611-T TDK-HF50ACC321611-T Datasheet
77Kb / 3P
   Ferrite Beads SMD
MMZ1005 TDK-MMZ1005 Datasheet
79Kb / 4P
   Ferrite Beads SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com