Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3-0506A-5Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI3-0506A-5Z
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0506A-5Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI3-0506A-5Z Datasheet HTML 6Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 7Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 8Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 9Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 10Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 11Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 12Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 13Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN3143.6
October 30, 2007
Test Circuits and Waveforms
TA = +25°C, VSUPPLY = ±15V, VAH = 4V, VAL = 0.8V, VREF = Open,
Unless Otherwise Specified
FIGURE 1A. TEST CIRCUIT
FIGURE 1B. ON RESISTANCE vs ANALOG INPUT VOLTAGE
FIGURE 1C. NORMALIZED ON RESISTANCE vs SUPPLY
VOLTAGE
FIGURE 1. ON RESISTANCE
FIGURE 2A. LEAKAGE CURRENT vs TEMPERATURE
FIGURE 2B. ID(OFF) TEST CIRCUIT (NOTE 13)
100
μA
OUT
IN
VIN
rON =
V2
100
μA
V2
-10
ANALOG INPUT (V)
-8
24
68
10
-6
-4
-2
0
1.4
1.3
1.2
1.1
1.0
0.9
0.8
+125°C
+25°C
-55°C
0.7
0.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
7
8
9
1011
1213
14
15
SUPPLY VOLTAGE (
±V)
56
-55°C TO +125°C
VIN = +5V
100nA
10nA
1nA
100pA
10pA
25
50
75
100
125
TEMPERATURE (°C)
OFF OUTPUT
CURRENT
ID(OFF)
OFF INPUT
LEAKAGE CURRENT
IS(OFF)
ON LEAKAGE
CURRENT
ID(ON)
ID(OFF)
A
±
10V
+0.8V
EN
OUT
10V
HI-506A, HI-507A, HI-508A, HI-509A


Similar Part No. - HI3-0506A-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-0506A-5Z INTERSIL-HI3-0506A-5Z Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI3-0506A-5Z INTERSIL-HI3-0506A-5Z Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI3-0506A-5Z INTERSIL-HI3-0506A-5Z Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
logo
Renesas Technology Corp
HI3-0506A-5Z RENESAS-HI3-0506A-5Z Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results

Similar Description - HI3-0506A-5Z

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI-506A INTERSIL-HI-506A Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com