Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS20VP1UTP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PTVS20VP1UTP
Description  High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS20VP1UTP Datasheet(HTML) 3 Page - NXP Semiconductors

  PTVS20VP1UTP Datasheet HTML 1Page - NXP Semiconductors PTVS20VP1UTP Datasheet HTML 2Page - NXP Semiconductors PTVS20VP1UTP Datasheet HTML 3Page - NXP Semiconductors PTVS20VP1UTP Datasheet HTML 4Page - NXP Semiconductors PTVS20VP1UTP Datasheet HTML 5Page - NXP Semiconductors PTVS20VP1UTP Datasheet HTML 6Page - NXP Semiconductors PTVS20VP1UTP Datasheet HTML 7Page - NXP Semiconductors PTVS20VP1UTP Datasheet HTML 8Page - NXP Semiconductors PTVS20VP1UTP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PTVSXP1UTP_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 11 October 2011
3 of 12
NXP Semiconductors
PTVSxP1UTP series
High-temperature 600 W Transient Voltage Suppressor
5.
Limiting values
[1]
In accordance with IEC 61643-321 (10/1000
s current waveform).
[1]
Device stressed with ten non-repetitive ElectroStatic Discharge (ESD) pulses.
6.
Thermal characteristics
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[4]
Soldering point of cathode tab.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
PPPM
rated peak pulse power
[1] -600
W
IPPM
rated peak pulse current
[1] -see
Table 9
and 10
IFSM
non-repetitive peak
forward current
single half-sine
wave; tp =8.3 ms
-100
A
Tj
junction temperature
-
185
C
Tamb
ambient temperature
55
+185
C
Tstg
storage temperature
65
+185
C
Table 6.
ESD maximum ratings
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4
(contact discharge)
[1] -30
kV
Table 7.
ESD standards compliance
Standard
Conditions
Per diode
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3B (human body model)
> 8 kV
Table 8.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] --200
K/W
[2] --120
K/W
[3] --60
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[4] --12
K/W


Similar Part No. - PTVS20VP1UTP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS20VP1UTP NEXPERIA-PTVS20VP1UTP Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVS20VP1UTP-Q NEXPERIA-PTVS20VP1UTP-Q Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
More results

Similar Description - PTVS20VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com