Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMY56 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ZMY56
Description  Silicon planar power Zener diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZMY56 Datasheet(HTML) 4 Page - Vishay Siliconix

  ZMY56 Datasheet HTML 1Page - Vishay Siliconix ZMY56 Datasheet HTML 2Page - Vishay Siliconix ZMY56 Datasheet HTML 3Page - Vishay Siliconix ZMY56 Datasheet HTML 4Page - Vishay Siliconix ZMY56 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ZMY3V9 to ZMY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 06-Dec-11
4
Document Number: 85788
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Breakdown Characteristics
Fig. 8 - Breakdown Characteristics
PACKAGE DIMENSIONS in millimeters (inches): MELF DO-213AB (glass)
0
5
10
15
202530
35
40
45 50 V
10
20
30
40
50
60
mA
I
Z
V
Z
18310
T
j = 25 °C
ZMY...
Test Current l
Z
25 mA
10 mA
ZMY22
ZMY18
ZMY27
ZMY33
ZMY15
ZMY39
ZMY47
0
0
100
200 V
0
10
20
mA
I
Z
V
Z
18311
50
150
Test Current l
Z
10 mA
5 mA
Tj = 25 °C
ZMY56
ZMY68
ZMY82
ZMY100
ZMY...
18317
Foot print recommendation:
The gap between plug and glass can
be either on cathode or anode side
Cathode identification
4.00 (0.157)
max.
1.25 (0.049)
min.
ref.
6.50 (0.256)
2.6 (0.102)
2.4 (0.094)
0.55 (0.022)
5.2 (0.205)
4.8 (0.189)


Similar Part No. - ZMY56

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY56 SEMTECH-ZMY56 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotec Semiconductor
ZMY56 DIOTEC-ZMY56 Datasheet
178Kb / 3P
   Surface Mount Silicon-Zener Diodes
logo
SUNMATE electronic Co.,...
ZMY56 SUNMATE-ZMY56 Datasheet
1Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
General Semiconductor
ZMY56 GE-ZMY56 Datasheet
205Kb / 5P
   ZENER DIODES
logo
Vishay Siliconix
ZMY56 VISHAY-ZMY56 Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.9, 06-Dec-11
More results

Similar Description - ZMY56

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com