Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS14VP1UTP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PTVS14VP1UTP
Description  High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS14VP1UTP Datasheet(HTML) 2 Page - NXP Semiconductors

  PTVS14VP1UTP Datasheet HTML 1Page - NXP Semiconductors PTVS14VP1UTP Datasheet HTML 2Page - NXP Semiconductors PTVS14VP1UTP Datasheet HTML 3Page - NXP Semiconductors PTVS14VP1UTP Datasheet HTML 4Page - NXP Semiconductors PTVS14VP1UTP Datasheet HTML 5Page - NXP Semiconductors PTVS14VP1UTP Datasheet HTML 6Page - NXP Semiconductors PTVS14VP1UTP Datasheet HTML 7Page - NXP Semiconductors PTVS14VP1UTP Datasheet HTML 8Page - NXP Semiconductors PTVS14VP1UTP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PTVSXP1UTP_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 11 October 2011
2 of 12
NXP Semiconductors
PTVSxP1UTP series
High-temperature 600 W Transient Voltage Suppressor
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
[1]
The series consists of 35 types with reverse standoff voltages from 3.3 V to 64 V.
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
12
sym035
12
Table 3.
Ordering information
Type number[1]
Package
Name
Description
Version
PTVSxP1UTP series
-
plastic surface-mounted package; 2 leads
SOD128
Table 4.
Marking codes
Type number
Marking code
Type number
Marking code
PTVS3V3P1UTP
C5
PTVS20VP1UTP
CP
PTVS5V0P1UTP
C6
PTVS22VP1UTP
CR
PTVS6V0P1UTP
C7
PTVS24VP1UTP
CS
PTVS6V5P1UTP
C8
PTVS26VP1UTP
CT
PTVS7V0P1UTP
C9
PTVS28VP1UTP
CU
PTVS7V5P1UTP
CA
PTVS30VP1UTP
CV
PTVS8V0P1UTP
CB
PTVS33VP1UTP
CW
PTVS8V5P1UTP
CC
PTVS36VP1UTP
CX
PTVS9V0P1UTP
CD
PTVS40VP1UTP
CY
PTVS10VP1UTP
CE
PTVS43VP1UTP
CZ
PTVS11VP1UTP
CF
PTVS45VP1UTP
D1
PTVS12VP1UTP
CG
PTVS48VP1UTP
D2
PTVS13VP1UTP
CH
PTVS51VP1UTP
D3
PTVS14VP1UTP
CJ
PTVS54VP1UTP
D4
PTVS15VP1UTP
CK
PTVS58VP1UTP
D5
PTVS16VP1UTP
CL
PTVS60VP1UTP
D6
PTVS17VP1UTP
CM
PTVS64VP1UTP
D7
PTVS18VP1UTP
CN
-
-


Similar Part No. - PTVS14VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS14VP1UTP NXP-PTVS14VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVS14VP1UTP NEXPERIA-PTVS14VP1UTP Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVS14VP1UTP-Q NEXPERIA-PTVS14VP1UTP-Q Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
More results

Similar Description - PTVS14VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com