Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74S240DWRE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74S240DWRE4
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74S240DWRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74S240DWRE4 Datasheet HTML 4Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 5Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 6Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 7Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 8Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 9Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 10Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 11Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDLS144C − APRIL 1985 − REVISED MAY 2010
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54S’
SN74S’
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 1)
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
−12
−15
mA
IOL
Low-level output current
48
64
mA
External resistance between any input and VCC or ground
40
40
k
TA
Operating free-air temperature (see Note 3)
−55
125
0
70
°C
NOTES:
1. Voltage values are with respect to network ground terminal.
3. An SN54S241J operating at free-air temperature above 116
°C requires a heat sink that provides a thermal resistance from case
to free air, RθCA, of not more that 40°C/W.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54S’
SN74S’
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIK
VCC = MIN,
II = −18 mA
−1.2
−1.2
V
Hysteresis
(VT+ − VT−)
VCC = MIN
0.2
0.4
0.2
0.4
V
VCC = MIN
IOH = −1 mA
VIH = 2 V,
VIL = 0.8 V,
2.7
VOH
VCC = MIN,
IOH = −3 mA
VIH = 2 V,
VIL = 0.8 V,
2.4
3.4
2.4
3.4
V
VCC = MIN,
IOH = MAX
VIH = 2 V,
VIL = 0.5 V,
2
2
VOL
VCC = MIN,
IOL = MAX
VIH = 2 V,
VIL = 0.8 V,
0.55
0.55
V
IOZH
VCC = MAX,
VIL = 0.8 V
VIH = 2 V,
VO = 2.4 V
50
50
µA
IOZL
VCC = MAX,
VIL = 0.8 V
VIH = 2 V,
VO = 0.5 V
−50
−50
µA
II
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
VCC = MAX,
VI = 2.7 V
50
50
µA
I
V
MAX
V
05V
Any A
−400
−400
µA
IIL
VCC = MAX,
VI = 0.5 V
Any G
−2
−2
mA
IOS§
VCC = MAX
−50
−225
−50
−225
mA
Outputs high
’S240
80
123
80
135
Outputs high
’S241,’S244
95
147
95
160
I
VCC = MAX,
Outputs low
’S240
100
145
100
150
mA
ICC
VCC = MAX,
Output open
Outputs low
’S241, ’S244
120
170
120
180
mA
Outputs disabled
’S240
100
145
100
150
Outputs disabled
’S241, ’S244
120
170
120
180
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short-circuit should not exceed one second.


Similar Part No. - SN74S240DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S240DWRE4 TI-SN74S240DWRE4 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74S240DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com