Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74S240DWR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74S240DWR
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74S240DWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74S240DWR Datasheet HTML 2Page - Texas Instruments SN74S240DWR Datasheet HTML 3Page - Texas Instruments SN74S240DWR Datasheet HTML 4Page - Texas Instruments SN74S240DWR Datasheet HTML 5Page - Texas Instruments SN74S240DWR Datasheet HTML 6Page - Texas Instruments SN74S240DWR Datasheet HTML 7Page - Texas Instruments SN74S240DWR Datasheet HTML 8Page - Texas Instruments SN74S240DWR Datasheet HTML 9Page - Texas Instruments SN74S240DWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDLS144C − APRIL 1985 − REVISED MAY 2010
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI: ’LS
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
’S
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DB package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
60
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network ground terminal.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
SN54LS’
SN74LS’
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 1)
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
−12
−15
mA
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
−55
125
0
70
°C
NOTE 1: Voltage values are with respect to network ground terminal.


Similar Part No. - SN74S240DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S240DWR TI-SN74S240DWR Datasheet
247Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74S240DWR TI-SN74S240DWR Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74S240DWR TI1-SN74S240DWR Datasheet
1Mb / 31P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74S240DWRE4 TI-SN74S240DWRE4 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74S240DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com