Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2550TEPSQTP Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F2550TEPSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
Download  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2550TEPSQTP Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F2550TEPSQTP Datasheet HTML 5Page - Microchip Technology PIC18F2550TEPSQTP Datasheet HTML 6Page - Microchip Technology PIC18F2550TEPSQTP Datasheet HTML 7Page - Microchip Technology PIC18F2550TEPSQTP Datasheet HTML 8Page - Microchip Technology PIC18F2550TEPSQTP Datasheet HTML 9Page - Microchip Technology PIC18F2550TEPSQTP Datasheet HTML 10Page - Microchip Technology PIC18F2550TEPSQTP Datasheet HTML 11Page - Microchip Technology PIC18F2550TEPSQTP Datasheet HTML 12Page - Microchip Technology PIC18F2550TEPSQTP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 430 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39632D-page 7
PIC18F2455/2550/4455/4550
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
This family of devices offers the advantages of all
PIC18 microcontrollers – namely, high computational
performance at an economical price – with the addition
of high endurance, Enhanced Flash program mem-
ory.
In
addition
to
these
features,
the
PIC18F2455/2550/4455/4550 family introduces design
enhancements that make these microcontrollers a log-
ical choice for many high-performance, power sensitive
applications.
1.1
New Core Features
1.1.1
nanoWatt TECHNOLOGY
All of the devices in the PIC18F2455/2550/4455/4550
family incorporate a range of features that can signifi-
cantly reduce power consumption during operation.
Key items include:
• Alternate Run Modes: By clocking the controller
from the Timer1 source or the internal oscillator
block, power consumption during code execution
can be reduced by as much as 90%.
• Multiple Idle Modes: The controller can also run
with its CPU core disabled but the peripherals still
active. In these states, power consumption can be
reduced even further, to as little as 4% of normal
operation requirements.
• On-the-Fly Mode Switching: The
power-managed modes are invoked by user code
during operation, allowing the user to incorporate
power-saving ideas into their application’s
software design.
• Low Consumption in Key Modules: The power
requirements for both Timer1 and the Watchdog
Timer are minimized. See Section 28.0
“Electrical Characteristics” for values.
1.1.2
UNIVERSAL SERIAL BUS (USB)
Devices in the PIC18F2455/2550/4455/4550 family
incorporate a fully featured Universal Serial Bus
communications module that is compliant with the USB
Specification Revision 2.0. The module supports both
low-speed and full-speed communication for all sup-
ported data transfer types. It also incorporates its own
on-chip transceiver and 3.3V regulator and supports
the use of external transceivers and voltage regulators.
1.1.3
MULTIPLE OSCILLATOR OPTIONS
AND FEATURES
All of the devices in the PIC18F2455/2550/4455/4550
family offer twelve different oscillator options, allowing
users a wide range of choices in developing application
hardware. These include:
• Four Crystal modes using crystals or ceramic
resonators.
• Four External Clock modes, offering the option of
using two pins (oscillator input and a divide-by-4
clock output) or one pin (oscillator input, with the
second pin reassigned as general I/O).
• An internal oscillator block which provides an
8 MHz clock (±2% accuracy) and an INTRC
source (approximately 31 kHz, stable over
temperature and VDD), as well as a range of
6 user-selectable clock frequencies, between
125 kHz to 4 MHz, for a total of 8 clock
frequencies. This option frees an oscillator pin for
use as an additional general purpose I/O.
• A Phase Lock Loop (PLL) frequency multiplier,
available to both the High-Speed Crystal and
External Oscillator modes, which allows a wide
range of clock speeds from 4 MHz to 48 MHz.
• Asynchronous dual clock operation, allowing the
USB module to run from a high-frequency
oscillator while the rest of the microcontroller is
clocked from an internal low-power oscillator.
Besides its availability as a clock source, the internal
oscillator block provides a stable reference source that
gives
the
family
additional
features
for
robust
operation:
• Fail-Safe Clock Monitor: This option constantly
monitors the main clock source against a
reference signal provided by the internal
oscillator. If a clock failure occurs, the controller is
switched to the internal oscillator block, allowing
for continued low-speed operation or a safe
application shutdown.
• Two-Speed Start-up: This option allows the
internal oscillator to serve as the clock source
from Power-on Reset, or wake-up from Sleep
mode, until the primary clock source is available.
• PIC18F2455
• PIC18LF2455
• PIC18F2550
• PIC18LF2550
• PIC18F4455
• PIC18LF4455
• PIC18F4550
• PIC18LF4550


Similar Part No. - PIC18F2550TEPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2550TEPSQTP MICROCHIP-PIC18F2550TEPSQTP Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
03/26/09
More results

Similar Description - PIC18F2550TEPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF2455-I MICROCHIP-PIC18LF2455-I Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F4550-IP MICROCHIP-PIC18F4550-IP Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2009
PIC18F2455 MICROCHIP-PIC18F2455_07 Datasheet
7Mb / 430P
   28/40/44-Pin, High Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2007
PIC18LF4455-I-PT MICROCHIP-PIC18LF4455-I-PT Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F2455 MICROCHIP-PIC18F2455 Datasheet
95Kb / 6P
   28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology
2003
PIC18F2455 MICROCHIP-PIC18F2455_09 Datasheet
7Mb / 438P
   28/40/44-Pin,High-Performance,Enhanced Flash,USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F2450 MICROCHIP-PIC18F2450_08 Datasheet
5Mb / 324P
   28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2008
PIC18F2450 MICROCHIP-PIC18F2450 Datasheet
5Mb / 320P
   28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2006
PIC18LF4550-I MICROCHIP-PIC18LF4550-I Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
03/26/09
PIC18F2458 MICROCHIP-PIC18F2458 Datasheet
1,020Kb / 46P
   28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com