Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A62S8308X-70SI Datasheet(PDF) 6 Page - AMIC Technology

Part # A62S8308X-70SI
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S8308X-70SI Datasheet(HTML) 6 Page - AMIC Technology

Back Button A62S8308X-70SI Datasheet HTML 2Page - AMIC Technology A62S8308X-70SI Datasheet HTML 3Page - AMIC Technology A62S8308X-70SI Datasheet HTML 4Page - AMIC Technology A62S8308X-70SI Datasheet HTML 5Page - AMIC Technology A62S8308X-70SI Datasheet HTML 6Page - AMIC Technology A62S8308X-70SI Datasheet HTML 7Page - AMIC Technology A62S8308X-70SI Datasheet HTML 8Page - AMIC Technology A62S8308X-70SI Datasheet HTML 9Page - AMIC Technology A62S8308X-70SI Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
A62S8308 Series
PRELIMINARY
(March, 2001, Version 0.2)
5
AMIC Technology, Inc.
AC Characteristics (TA = 0
°C to + 70°C or -25°C to 85°C, VCC = 2.7V to 3.6V)
Symbol
Parameter
A62S8308-55S/SI
(VCC = 3.0V to 3.6V)
A62S8308-70S/SI
(VCC = 2.7V to 3.6V)
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
55
-
70
-
ns
tAA
Address Access Time
-
55
-
70
ns
tACE1
Chip Enable Access Time
CE1
-
55
-
70
ns
tACE2
CE2
-
55
-
70
ns
tOE
Output Enable to Output Valid
-
30
-
35
ns
tCLZ1
Chip Enable to Output in Low Z
CE1
10
-
10
-
ns
tCLZ2
CE2
10
-
10
-
ns
tOLZ
Output Enable to Output in Low Z
5
-
5
-
ns
tCHZ1
Chip Disable to Output in High Z
CE1
0
20
0
25
ns
tCHZ2
CE2
0
20
0
25
ns
tOHZ
Output Disable to Output in High Z
0
20
0
25
ns
tOH
Output Hold from Address Change
5
-
10
-
ns
Read Cycle
tWC
Write Cycle Time
55
-
70
-
ns
tCW
Chip Enable to End of Write
50
-
60
-
ns
tAS
Address Setup Time
0
-
0
-
ns
tAW
Address Valid to End of Write
50
-
60
-
ns
tWP
Write Pulse Width
40
-
50
-
ns
tWR
Write Recovery Time
0
-
0
-
ns
tWHZ
Write to Output in High Z
0
25
0
25
ns
tDW
Data to Write Time Overlap
25
-
30
-
ns
tDH
Data Hold from Write Time
0
-
0
-
ns
tOW
Output Active from End of Write
5
-
5
-
ns
Notes:
tCHZ1, tCHZ2, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are
not referred to output voltage levels.


Similar Part No. - A62S8308X-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316G-70S AMICC-A62S8316G-70S Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316G-70SI AMICC-A62S8316G-70SI Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316V-70S AMICC-A62S8316V-70S Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316V-70SI AMICC-A62S8316V-70SI Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S8308X-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048-T AMICC-LP62S2048-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com