Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VR25000Z01004JN400 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VR25000Z01004JN400
Description  High Ohmic/High Voltage Metal Glaze Leaded Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25000Z01004JN400 Datasheet(HTML) 6 Page - Vishay Siliconix

  VR25000Z01004JN400 Datasheet HTML 1Page - Vishay Siliconix VR25000Z01004JN400 Datasheet HTML 2Page - Vishay Siliconix VR25000Z01004JN400 Datasheet HTML 3Page - Vishay Siliconix VR25000Z01004JN400 Datasheet HTML 4Page - Vishay Siliconix VR25000Z01004JN400 Datasheet HTML 5Page - Vishay Siliconix VR25000Z01004JN400 Datasheet HTML 6Page - Vishay Siliconix VR25000Z01004JN400 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VR25
www.vishay.com
Vishay BCcomponents
Revision: 17-Aug-11
6
Document Number: 28732
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
12NC INFORMATION FOR HISTORICAL CODING REFERENCE
• The resistors have a 12-digit numeric code starting with
2322 241
• The subsequent:
first digit for 1 % tolerance products (E24 and E96 series)
or 2 digits for 5 % (E24 series) and 10 % (E12 series)
indicate the resistor type and packing.
• The remaining digits indicate the resistance value:
- The first 3 digits for 1 % or 2 digits for 5 and 10 %
tolerance products indicate the resistance value.
- The last digit indicates the resistance decade.
Last Digit of 12NC Indicating Resistance Decade
12NC Example
The 12NC for a VR25, resistor value 7.5 M
,5 % tolerance,
supplied on a bandolier of 1000 units in ammopack, is:
2322 241 13755.
4.26
Active flammability
“cheese-cloth test”
Steps of: 5/10/16/25/40 x P70 duration
5min
No flaming of gauze cylinder
4.35
Passive flammability
“needle-flame test”
Application of test flame for 20 s
No ignition of product;
no ignition of under-layer;
burning time less than 30 s
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
RESISTANCE DECADE
LAST DIGIT
100 k
 to 976 k
4
1M
 to 9.76 M
5
 10 M
6
12NC - Resistor type and packaging
TYPE
TOL.
(%)
2322 241 .....
BANDOLIER IN AMMOPACK
BANDOLIER
ON REEL
RADIAL TAPED
STRAIGHT LEADS
4000
UNITS
52 mm
26 mm
52 mm
52 mm
1000
UNITS
2000
UNITS
5000
UNITS
5000
UNITS
VR25
± 1
0....
8....
-
7....
6....
± 5
36...
13...
43...
53...
23...
± 10
38...
12...
42...
52...
22...


Similar Part No. - VR25000Z01004JN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25000Z01503FA100 VISHAY-VR25000Z01503FA100 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
VR25000Z01503FA200 VISHAY-VR25000Z01503FA200 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
VR25000Z01503FA500 VISHAY-VR25000Z01503FA500 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
VR25000Z01503FN400 VISHAY-VR25000Z01503FN400 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
VR25000Z01503FR500 VISHAY-VR25000Z01503FR500 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
More results

Similar Description - VR25000Z01004JN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001204JR500 VISHAY-HVR3700001204JR500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
   High Voltage Metal Glaze Resistor
5/4/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com