Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S09B-PASK-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S09B-PASK-2
Description  FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S09B-PASK-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S09B-PASK-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers S09B-PASK-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers S09B-PASK-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers S09B-PASK-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers S09B-PASK-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers S09B-PASK-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers S09B-PASK-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers S09B-PASK-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers S09B-PASK-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PA FAMILY SERIES /PA•PAF•PAL CONNECTOR
407
Insulation displacement type
Crimp style
Retainer mountable type
Crimp style
Standard type
Wire to wire Connectors
High box type
SMT type
Top entry type
Side entry type
Top entry type
Side entry type
Contact
SPA-001T-P0.5
Housing
PARP-( )V
Retainer
PMS-( )V-S
Contact
SPHD-001T-P0.5
SPHD-002T-P0.5
Housing
PAP-( )V-S
Receptacle
( )PAF-6S
Retainer
PAFS-( )V-S
Shrouded header
BM( )B-PASS
BM( )B-PASS-1
SM( )B-PASS
SM( )B-PASS-1
Shrouded header
B( )B-PASK
B( )B-PASK-1
S( )B-PASK-2
Shrouded header
BH( )B-PASK
BH( )B-PASK-1
Contact
SPAL-001T-P0.5
SPAL-002T-P0.5
Receptacle housing
PALR-( )V(F)
Retainer
PMS-( )V-S
+0.1
 0
φ1.1
+0.1
 0
φ0.7
±0.05
1.5
±0.05
2.0
±0.05
A
5.8
7.2
(5.8)
PA Receptacle + PA Header
(Standard type)
PA Receptacle + PA Header
(Retainer mountable type)
PAF Receptacle + PA Header
+0.1
 0
+0.1
 0
φ0.7
φ1.1
±0.05
1.5
±0.05
2.0
±0.05
A
8.2
13.8
8.2
(18.9)
8.2
(18.8)retainer included
PA Receptacle
+ PA side entry type header
(Standard type)
PA Receptacle
+ PA side entry type header
(Retainer mountable type)
PAF Receptacle +
PA side entry type header
Through-hole type
Top entry type
Side entry type
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
List of combinations
PC board layout (viewed from component side) and Assembly layout


Similar Part No. - S09B-PASK-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S09B-XASK-1 ETC2-S09B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
S09B-XASS-1N-BN ETC2-S09B-XASS-1N-BN Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
S09B-ZESK-2D ETC1-S09B-ZESK-2D Datasheet
130Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S09B-PASK-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-03VF ETC2-PALR-03VF Datasheet
330Kb / 12P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
New Jersey Semi-Conduct...
Z130PA20A NJSEMI-Z130PA20A Datasheet
106Kb / 1P
   PA Series
logo
Tyco Electronics
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
logo
Standex Electronics, In...
MS07-PA STANDEX-MS07-PA Datasheet
80Kb / 1P
   MS07-PA SERIES MAGNETIC FLOAT
Rev.01 28.09.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com