Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTD114EK Datasheet(PDF) 4 Page - Rohm

Part # DTD114EK
Description  NPN 500mA 50V Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTD114EK Datasheet(HTML) 4 Page - Rohm

  DTD114EK Datasheet HTML 1Page - Rohm DTD114EK Datasheet HTML 2Page - Rohm DTD114EK Datasheet HTML 3Page - Rohm DTD114EK Datasheet HTML 4Page - Rohm DTD114EK Datasheet HTML 5Page - Rohm DTD114EK Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTD114EK
lElectrical characteristic curves(Ta = 25°C)
Fig.5 Output voltage vs. output current
OUTPUT CURRENT : I
O [mA]
4/5
2012.07 - Rev.C


Similar Part No. - DTD114EK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD114EK ROHM-DTD114EK Datasheet
60Kb / 2P
   Digital transistors (built-in resistors)
DTD114EK ROHM-DTD114EK Datasheet
165Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD114EK ROHM-DTD114EK Datasheet
165Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD114EK ROHM-DTD114EK Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTD114EKFRA ROHM-DTD114EKFRA Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
More results

Similar Description - DTD114EK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD143EK ROHM-DTD143EK_12 Datasheet
370Kb / 7P
   NPN 500mA 50V Digital Transistors
DTD123YK ROHM-DTD123YK_12 Datasheet
372Kb / 7P
   NPN 500mA 50V Digital Transistors
DTD114GK ROHM-DTD114GK_12 Datasheet
336Kb / 6P
   NPN 500mA 50V Digital Transistors
DTD113EK ROHM-DTD113EK_12 Datasheet
385Kb / 7P
   NPN 500mA 50V Digital Transistors
DTD113ZK ROHM-DTD113ZK_09 Datasheet
145Kb / 4P
   500mA / 50V Digital transistors
DTB143ECT216 ROHM-DTB143ECT216 Datasheet
520Kb / 6P
   PNP -500mA -50V Digital Transistors
DTD123EC ROHM-DTD123EC Datasheet
1Mb / 8P
   NPN 500mA 50V Digital Transistor
DTD143EKT146 ROHM-DTD143EKT146 Datasheet
328Kb / 6P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD113EKT146 ROHM-DTD113EKT146 Datasheet
343Kb / 6P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD113Z ROHM-DTD113Z Datasheet
359Kb / 7P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com