Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82422H1682+000 Datasheet(PDF) 1 Page - EPCOS

Part # B82422H1682+000
Description  SMT Inductors, SIMID Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422H1682+000 Datasheet(HTML) 1 Page - EPCOS

  B82422H1682+000 Datasheet HTML 1Page - EPCOS B82422H1682+000 Datasheet HTML 2Page - EPCOS B82422H1682+000 Datasheet HTML 3Page - EPCOS B82422H1682+000 Datasheet HTML 4Page - EPCOS B82422H1682+000 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Please read the important notes
at the end of this document
Size 1210 (EIA) or 3225 (IEC)
Rated inductance 1 to 680 mH
Rated current 61 to 1150 mA
Construction
S Ferrite drum core
S Laser−welded winding
S Flame−retardant encapsulation
Features
S Very high current handling capability
S Suitable for reflow soldering acc. JEDEC J−STD 020C
S lead−free, RoHS−compatible
S qualified acc. AEC−Q200
Applications
S Filtering of supply voltages, coupling, decoupling
S DC/DC converters / switch mode power supplies
S Automotive electronics
S Telecommunications
Terminals
S Electro−plated
S Base material CuSn6
S 0,4mm Cu; 1−2mm Ag; 5−7mm Sn (lead-free)
Marking
Marking on component:
L value (in mH) and tolerance of L value (coded)
Date of manufacture (coded)
Delivery mode
8mm blister tape, reel packing 180mm Ø reel (2000 pcs) or 330mm Ø reel (7500 pcs)
Taping in accordance to IEC 60286−3. For details on taping and packing refer to data book
“Chokes and Inductors” and to Epcos Homepage.
SMT Inductors, SIMID Series
B82422H
SIMID 1210−H
Hugo ist doof BNR
B82422−H1*−3−7659
28.06.2006


Similar Part No. - B82422H1682+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1682+000 EPCOS-B82422H1682+000 Datasheet
275Kb / 5P
   SIMID 1210−H
More results

Similar Description - B82422H1682+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82442T EPCOS-B82442T Datasheet
675Kb / 9P
   SMT inductors ??SIMID series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com