Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B16B-PASK-1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # B16B-PASK-1
Description  FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B16B-PASK-1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button B16B-PASK-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers B16B-PASK-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers B16B-PASK-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers B16B-PASK-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers B16B-PASK-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers B16B-PASK-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers B16B-PASK-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers B16B-PASK-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers B16B-PASK-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PA FAMILY SERIES
Taping specifications ––––––––––––––––––––––––––––––––––––––––––––––––––––––
Feeding direction
Feeding direction
Feeding direction
Feeding direction
Feeding direction
Cover tape
Carrier tape
Cover tape
Carrier tape
4.0
±0.1
4.0
±0.1
2.9
±0.1
12.0
±0.1
16.0
±0.1
16.0
±0.1
12.0
±0.1
φ1.55
±0.05
φ1.55
±0.05
2.0
±0.1
4.0
±0.1
φ1.55
±0.05
2.0
±0.1
Cover tape
Carrier tape
Cover tape
Carrier tape
4.0
±0.1
2.9
±0.1
φ1.55
±0.05
(φ13)
2.0
±0.5
Feeding direction
Cover tape leader
Carrier tape
The end part
160min.
Connector
mounting part
400min.
Leader part
100min.
W1
+2.5
–1.0
Top entry type
(2 to 5 circuits)
(6 to 13 circuits)
Side entry type
(2 to 5 circuits)
(6 to 12 circuits)
Top entry type Side entry type
Circuits
F
Taping dimensions (mm)
Reel dimensions (mm)
2 to 5
6, 7
8 to 13
SW1
11.5
14.2
20.2
28.4
40.4
W
24.0
32.0
44.0
25.5
33.5
45.5
500
500
500
1,000
1,000
1,000
Q'ty / reel
Note:
1. Specifications conform to JIS C 0806. The tape width, connector loading
recess square hole dimensions, etc. are determined by the number of circuits
and external shape of the connector to be loaded.
2. Specifications are subject to change without prior notice.


Similar Part No. - B16B-PASK-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B16B-PASK-1 ETC2-B16B-PASK-1 Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
B16B-PASK-1 JST-B16B-PASK-1 Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - B16B-PASK-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-03VF ETC2-PALR-03VF Datasheet
330Kb / 12P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
New Jersey Semi-Conduct...
Z130PA20A NJSEMI-Z130PA20A Datasheet
106Kb / 1P
   PA Series
logo
Tyco Electronics
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
logo
Standex Electronics, In...
MS07-PA STANDEX-MS07-PA Datasheet
80Kb / 1P
   MS07-PA SERIES MAGNETIC FLOAT
Rev.01 28.09.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com