Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67L83181 Datasheet(PDF) 9 Page - AMIC Technology

Part # A67L83181
Description  256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67L83181 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A67L83181 Datasheet HTML 5Page - AMIC Technology A67L83181 Datasheet HTML 6Page - AMIC Technology A67L83181 Datasheet HTML 7Page - AMIC Technology A67L83181 Datasheet HTML 8Page - AMIC Technology A67L83181 Datasheet HTML 9Page - AMIC Technology A67L83181 Datasheet HTML 10Page - AMIC Technology A67L83181 Datasheet HTML 11Page - AMIC Technology A67L83181 Datasheet HTML 12Page - AMIC Technology A67L83181 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
A67L83161/A67L83181/
A67L73321/A67L73361 Series
PRELIMINARY
(September, 1999, Version 0.1)
8
AMIC Technology, Inc.
Truth Table (Notes 5 - 7)
Operation
Address
Used
CE
CE2
CE2
ZZ
ADV/
LD
R/ W
BWx
OE
CEN
CLK
I/O
Notes
Deselected Cycle,
Power-down
None
H
X
X
L
L
X
X
X
L
L
→H
High-Z
Deselected Cycle,
Power-down
None
X
H
X
L
L
X
X
X
L
L
→H
High-Z
Deselected Cycle,
Power-down
None
X
X
L
L
L
X
X
X
L
L
→H
High-Z
Continue Deselect
Cycle
None
X
X
X
L
H
X
X
X
L
L
→H
High-Z
1
READ Cycle
(Begin Burst)
External
L
L
H
L
L
H
X
L
L
L
→H
Q
READ Cycle
(Continue Burst)
Next
X
X
X
L
H
X
X
L
L
L
→H
Q
1,7
NOP/Dummy READ
(Begin Burst)
External
L
L
H
L
L
H
X
H
L
L
→H
High-Z
2
Dummy READ
(Continue Burst)
Next
X
X
X
L
H
X
X
H
L
L
→H
High-Z
1,2,7
WRITE Cycle
(Begin Burst)
External
L
L
H
L
L
L
L
X
L
L
→H
D
3
WRITE Cycle
(Continue Burst)
Next
X
X
X
L
H
X
L
X
L
L
→H
D
1,3,7
NOP/WRITE Abort
(Begin Burst)
None
L
L
H
L
L
L
H
X
L
L
→H
High-Z
2,3
WRITE Abort
(Continue Burst)
Next
X
X
X
L
H
X
H
X
L
L
→H
High-Z
1,2,3,7
IGNORE Clock
Edge
(Stall)
Current
X
X
X
L
X
X
X
X
H
L
→H
-
4
SLEEP Mode
None
X
X
X
H
X
X
X
X
X
X
High-Z
Notes:
1. Continue Burst cycles, whether READ or WRITE, use the same control inputs. The type of cycle performed (READ or
WRITE) is chosen in the initial Begin Burst cycle. A Continue Deselect cycle can only be entered if a Deselect cycle is
executed first.
2. Dummy READ and WRITE Abort cycles can be considered NOPs because the device performs no operation. A WRITE
Abort means a WRITE command is given, but no operation is performed.
3. OE may be wired LOW to minimize the number of control signals to the SRAM. The device will automatically turn off
the output drivers during a WRITE cycle. Some users may use OE when the bus turn-on and turn-off times do not
meet their requirements.
4. If an Ignore Clock Edge command occurs during a READ operation, the I/O bus will remain active (Low-Z). If it occurs
during a WRITE cycle, the bus will remain in High-Z. No WRITE operations will be performed during the Ignored Clock
Edge cycle.
5. X means “Don’t Care.” H means logic HIGH. L means logic LOW. BWx = H means all byte write signals
(BW1,BW2 ,BW3 and BW4 ) are HIGH. BWx = L means one or more byte write signals are LOW.
6. BW1enables WRITEs to Byte “a” (I/Oa pins); BW2 enables WRITEs to Byte “b” (I/Ob pins); BW3 enables WRITEs to
Byte “c” (I/Oc pins); BW4 enables WRITEs to Byte “d” (I/Od pins).
7. The address counter is incremented for all Continue Burst cycles.


Similar Part No. - A67L83181

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L8318 AMICC-A67L8318 Datasheet
272Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
A67L8318E-45 AMICC-A67L8318E-45 Datasheet
272Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
A67L8318E-5 AMICC-A67L8318E-5 Datasheet
272Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
A67L8318E-6 AMICC-A67L8318E-6 Datasheet
272Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
More results

Similar Description - A67L83181

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L8316 AMICC-A67L8316 Datasheet
272Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361 AMICC-A67P83361 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L83361 AMICC-A67L83361 Datasheet
200Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181 AMICC-A67L93181_15 Datasheet
200Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181 AMICC-A67P93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com