Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67L8318 Datasheet(PDF) 2 Page - AMIC Technology

Part # A67L8318
Description  256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67L8318 Datasheet(HTML) 2 Page - AMIC Technology

  A67L8318 Datasheet HTML 1Page - AMIC Technology A67L8318 Datasheet HTML 2Page - AMIC Technology A67L8318 Datasheet HTML 3Page - AMIC Technology A67L8318 Datasheet HTML 4Page - AMIC Technology A67L8318 Datasheet HTML 5Page - AMIC Technology A67L8318 Datasheet HTML 6Page - AMIC Technology A67L8318 Datasheet HTML 7Page - AMIC Technology A67L8318 Datasheet HTML 8Page - AMIC Technology A67L8318 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
A67L8316/A67L8318/
A67L7332/A67L7336 Series
256K X 16/18, 128K X 32/36
Preliminary
LVTTL, Pipelined DBA
TM SRAM
PRELIMINARY
(December, 1999, Version 0.1)
1
AMIC Technology, Inc.
DBA and Direct Bus Alternation are trademarks of AMIC Technology, Inc
Features
n Fast access time: 4.5/5.0/6.0 ns (117/100/83MHz)
n Direct Bus Alternation between READ and WRITE
cycles allows 100% bus utilization
n Signal +3.3V
± 5% power supply
n Individual Byte Write control capability
n Clock enable (CEN) pin to enable clock and suspend
operations
n Clock-controlled and registered address, data and
control signals
n Registered output for pipelined applications
n Three separate chip enables allow wide range of
options for CE control, address pipelining
n Internally self-timed write cycle
n Selectable BURST mode (Linear or Interleaved)
n SLEEP mode (ZZ pin) provided
n Available in 100 pin LQFP package
General Description
The AMIC Direct Bus Alternation™ (DBA™) SRAM
family employs high-speed, low-power CMOS designs
using an advanced CMOS process.
The
A67L8316,
A67L8318,
A67L7332,
A67L7336
SRAMs integrate a 256K X 16, 256K X 18, 128K X 32 or
128K X 36 SRAM core with advanced synchronous
peripheral circuitry and a 2-bit burst counter. These
SRAMs are optimized for 100 percent bus utilization
without the insertion of any wait cycles during Write-
Read alternation. The positive edge triggered single
clock input (CLK) controls all synchronous inputs
passing through the registers. The synchronous inputs
include all address, all data inputs, active low chip
enable ( CE), two additional chip enables for easy depth
expansion (CE2, CE2 ), cycle start input (ADV/LD ),
synchronous clock enable ( CEN), byte write enables
(BW1,BW2 ,BW3 ,BW4 ) and read/write (R/ W ).
Asynchronous inputs include the output enable ( OE ),
clock (CLK), SLEEP mode (ZZ, tied LOW if unused) and
burst mode (MODE). Burst Mode can provide either
interleaved or linear operation, burst operation can be
initiated
by
synchronous
address
Advance/Load
(ADV/LD ) pin in Low state. Subsequent burst address
can be internally generated by the chip and controlled by
the same input pin ADV/LD in High state.
Write cycles are internally self-time and synchronous
with the rising edge of the clock input and when R/ W is
Low. The feature simplified the write interface. Individual
Byte enables allow individual bytes to be written. BW1
controls I/Oa pins; BW2 controls I/Ob pins; BW3
controls I/Oc pins; and BW4 controls I/Od pins. Cycle
types can only be defined when an address is loaded,
i.e., when ADV/LD is LOW. Parity/ECC bits are only
available on the X18/36 version.
The SRAM operates from a +3.3V power supply, and all
inputs and outputs are LVTTL-compatible. The device is
ideally suited for high bandwidth utilization systems.


Similar Part No. - A67L8318

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L83181 AMICC-A67L83181 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L83181E-10 AMICC-A67L83181E-10 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L83181E-11 AMICC-A67L83181E-11 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L83181E-12 AMICC-A67L83181E-12 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
More results

Similar Description - A67L8318

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Integrated Silicon Solu...
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com