Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC124-F-13470RL Datasheet(PDF) 6 Page - YAGEO Corporation

Part # TC124-F-13470RL
Description  ARRAY CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TC124-F-13470RL Datasheet(HTML) 6 Page - YAGEO Corporation

  TC124-F-13470RL Datasheet HTML 1Page - YAGEO Corporation TC124-F-13470RL Datasheet HTML 2Page - YAGEO Corporation TC124-F-13470RL Datasheet HTML 3Page - YAGEO Corporation TC124-F-13470RL Datasheet HTML 4Page - YAGEO Corporation TC124-F-13470RL Datasheet HTML 5Page - YAGEO Corporation TC124-F-13470RL Datasheet HTML 6Page - YAGEO Corporation TC124-F-13470RL Datasheet HTML 7Page - YAGEO Corporation TC124-F-13470RL Datasheet HTML 8Page - YAGEO Corporation TC124-F-13470RL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SERIES
YC/TC
124 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Mar 09, 2011 V.3
Product specification
6
9
MLB206_3
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
155
P
handbook, halfpage
125
YC124
TC124
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
YC124: –55 °C to +155 °C
TC124: –55 °C to +125 °C
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
YC/TC 124 rated power at 70 °C is 1/16 W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (X)
Fig. 7 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)
PACKING STYLE AND PACKAGING QUANTITY
PRODUCT TYPE
PACKING STYLE
REEL DIMENSION
QUANTITY PER REEL
YC/TC124
Paper Taping Reel (R)
7" (178 mm)
10,000 units
10" (254 mm)
20,000 units
13" (330 mm)
40,000 units
NOTE
1. For paper tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
Table 3 Packing style and packaging quantity
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
YC124
TC124
Operating Temperature Range
–55 °C to +155 °C –55 °C to +125 °C
Rated Power
1/16 W
1/16 W
Maximum Working Voltage
25 V
50 V
Maximum Overload Voltage
50 V
100 V
Dielectric Withstanding Voltage
100 V
100 V
5% (E24)
1% (E24/E96)
1 Ω to 1 MΩ
10 Ω to 1 MΩ
Resistance Range
Zero Ohm Jumper < 0.05 Ω
1 Ω ≤ R < 10 Ω ±250 ppm/°C
Temperature Coefficient
10 Ω ≤ R ≤ 1 MΩ ±200 ppm/°C
±200 ppm/°C
Rated Current
1.0 A
1.0 A
Jumper Criteria
Maximum Current
2.0 A
1.5 A
Table 2
FOOTPRINT AND SOLDERING
PROFILES
Recommended footprint and
soldering profiles, please refer to
data sheet “Chip resistors
mounting”.


Similar Part No. - TC124-F-13470RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
TC124-FR-0710KL YAGEO-TC124-FR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC124-FR-07470KL YAGEO-TC124-FR-07470KL Datasheet
332Kb / 9P
   ARRAY CHIP RESISTORS YC/TC 124 (8Pin/4R)
TC124-FR-1010KL YAGEO-TC124-FR-1010KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC124-FR-10470KL YAGEO-TC124-FR-10470KL Datasheet
332Kb / 9P
   ARRAY CHIP RESISTORS YC/TC 124 (8Pin/4R)
TC124-FR-1310KL YAGEO-TC124-FR-1310KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
More results

Similar Description - TC124-F-13470RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com