Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC595PW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74VHC595PW
Description  8-bit serial-in/serial-out or parallel-out shift register with output latches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74VHC595PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74VHC595PW Datasheet HTML 4Page - NXP Semiconductors 74VHC595PW Datasheet HTML 5Page - NXP Semiconductors 74VHC595PW Datasheet HTML 6Page - NXP Semiconductors 74VHC595PW Datasheet HTML 7Page - NXP Semiconductors 74VHC595PW Datasheet HTML 8Page - NXP Semiconductors 74VHC595PW Datasheet HTML 9Page - NXP Semiconductors 74VHC595PW Datasheet HTML 10Page - NXP Semiconductors 74VHC595PW Datasheet HTML 11Page - NXP Semiconductors 74VHC595PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
74VHC_VHCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 July 2012
8 of 22
NXP Semiconductors
74VHC595; 74VHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
II
input leakage
current
VI = 5.5 V or GND;
VCC =0Vto5.5 V
-
-
0.1
-
1.0
-
2.0
A
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =VCC or GND; VCC =5.5 V
--
0.25
-
2.5
-
10
A
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC =5.5 V
--
4.0
-
40
-
80
A
CI
input
capacitance
-
3
10
-
10
-
10
pF
74VHCT595
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 50 A
4.4
4.5
-
4.4
-
4.4
-
V
IO = 8.0 mA
3.94
-
-
3.80
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 50 A
-
0
0.1
-
0.1
-
0.1
V
IO = 8.0 mA
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND;
VCC =0Vto5.5 V
-
-
0.1
-
1.0
-
2.0
A
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =VCC or GND per input pin;
other inputs at VCC or GND;
IO =0 A; VCC =5.5 V
--
0.25
-
2.5
-
10
A
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC =5.5 V
--
4.0
-
40
-
80
A
I
CC
additional
supply current
per input pin; VI =VCC  2.1 V;
other inputs at VCC or GND;
IO =0 A; VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
3
10
-
10
-
10
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Similar Part No. - 74VHC595PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74VHC595PW NEXPERIA-74VHC595PW Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595PW-Q100 NEXPERIA-74VHC595PW-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results

Similar Description - 74VHC595PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHCT595 NEXPERIA-74AHCT595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com