Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT595D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74VHCT595D
Description  8-bit serial-in/serial-out or parallel-out shift register with output latches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74VHCT595D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74VHCT595D Datasheet HTML 6Page - NXP Semiconductors 74VHCT595D Datasheet HTML 7Page - NXP Semiconductors 74VHCT595D Datasheet HTML 8Page - NXP Semiconductors 74VHCT595D Datasheet HTML 9Page - NXP Semiconductors 74VHCT595D Datasheet HTML 10Page - NXP Semiconductors 74VHCT595D Datasheet HTML 11Page - NXP Semiconductors 74VHCT595D Datasheet HTML 12Page - NXP Semiconductors 74VHCT595D Datasheet HTML 13Page - NXP Semiconductors 74VHCT595D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
74VHC_VHCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 July 2012
10 of 22
NXP Semiconductors
74VHC595; 74VHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
fmax
maximum
frequency
SHCP or STCP;
see Figure 8 and 9
VCC = 3.0 V to 3.6 V
80
125
-
60
-
40
-
MHz
VCC = 4.5 V to 5.5 V
130
170
-
110
-
90
-
MHz
tW
pulse width
SHCP HIGH or LOW;
see Figure 8
VCC = 3.0 V to 3.6 V
5.0
-
-
5.0
-
5.0
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
STCP HIGH or LOW;
see Figure 9
VCC = 3.0 V to 3.6 V
5.0
-
-
5.0
-
5.0
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
MR LOW; see Figure 11
VCC = 3.0 V to 3.6 V
5.0
-
-
5.0
-
5.0
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
tsu
set-up time
DS to SHCP; see Figure 9
VCC = 3.0 V to 3.6 V
3.5
-
-
3.5
-
3.5
-
ns
VCC = 4.5 V to 5.5 V
3.0
-
-
3.0
-
3.0
-
ns
SHCP to STCP;
see Figure 10
VCC = 3.0 V to 3.6 V
8.5
-
-
8.5
-
8.5
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
th
hold time
DS to SHCP; see Figure 10
VCC = 3.0 V to 3.6 V
1.5
-
-
1.5
-
1.5
-
ns
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
ns
trec
recovery
time
MR to SHCP; see Figure 11
VCC = 3.0 V to 3.6 V
3.0
-
-
3.0
-
3.0
-
ns
VCC = 4.5 V to 5.5 V
2.5
-
-
2.5
-
2.5
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI =GND to VCC
[6]
[7]
-180
-
-
-
-
-
pF
74VHCT595; VCC = 4.5 V to 5.5 V
tpd
propagation
delay
SHCP to Q7S; see Figure 8
[2]
CL = 15 pF
-
3.8
8.2
1.0
9.0
1.0
10.0
ns
CL = 50 pF
-
5.2
10.0
1.0
11.0
1.0
12.0
ns
STCP to Qn; see Figure 9
[2]
CL = 15 pF
-
4.0
7.4
1.0
8.5
1.0
9.5
ns
CL = 50 pF
-
5.3
9.0
1.0
10.5
1.0
11.5
ns
MR to Q7S; see Figure 11
[3]
CL = 15 pF
-
4.6
8.2
1.0
9.5
1.0
10.5
ns
CL = 50 pF
-
5.8
10.5
1.0
11.5
1.0
12.5
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Similar Part No. - 74VHCT595D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74VHCT595D NEXPERIA-74VHCT595D Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHCT595D-Q100 NEXPERIA-74VHCT595D-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results

Similar Description - 74VHCT595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHCT595 NEXPERIA-74AHCT595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com