Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT0401CRB0710KL Datasheet(PDF) 10 Page - YAGEO Corporation

Part # RT0401CRB0710KL
Description  THIN FILM CHIP RESISTORS High precision - high stability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RT0401CRB0710KL Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button RT0401CRB0710KL Datasheet HTML 2Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 3Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 4Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 5Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 6Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 7Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 8Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 9Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Oct 21, 2009 V.4
Product specification
10
10
SERIES
RT
0402 to 2512 (RoHS Compliant)
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION DESCRIPTION
Version 4
Oct 21, 2009 -
- Test Items and methods updated
- Test requirements upgraded
Version 3
Jul 11, 2008
-
- Change to dual brand datasheet that describe RT0402 to RT2512 with
RoHS compliant
- Description of "Halogen Free Epoxy" added
- Define global part number
- Modify electrical characteristic
Version 2
Dec 26, 2005 -
- New datasheet for thin film high precision - high stability chip resistors sizes
of 0201/0402/0603/0805/1206/1210/2010/2512, 1%, 0.5%, 0.25%, 0.1%,
0.05%, TC25/50 with lead-free terminations
- Replace the 0402 to 1210 parts of pdf files: TFx10_1_1, TFx11_.5_2,
TFx12_.25_2, TFx13_.1_3, TFx14_.05_1, TFx20_1_2, TFx21_.5_2,
TFx22_.25_2, TFx23_.1_2, TFx24_.05_1, and combine into a document.
- Test method and procedure updated
- PE tape added (paper tape will be replaced by PE tape)
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”


Similar Part No. - RT0401CRB0710KL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0402 ETC1-RT0402 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
YAGEO Corporation
RT0402 YAGEO-RT0402 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0402 YAGEO-RT0402 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0402 YAGEO-RT0402 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0402BKA07XRXXL YAGEO-RT0402BKA07XRXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Similar Description - RT0401CRB0710KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0805FRE076K8L YAGEO-RT0805FRE076K8L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K9L YAGEO-RT1206FRE073K9L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0100LRA07XXXXL YAGEO-RT0100LRA07XXXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0805FRE0710RL YAGEO-RT0805FRE0710RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603FRE07470RL YAGEO-RT0603FRE07470RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805DRE07820RL YAGEO-RT0805DRE07820RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE072KL YAGEO-RT1206FRE072KL Datasheet
392Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K3L YAGEO-RT1206FRE073K3L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com