Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPHD-001T-P0.5 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SPHD-001T-P0.5
Description  FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPHD-001T-P0.5 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SPHD-001T-P0.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPHD-001T-P0.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPHD-001T-P0.5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPHD-001T-P0.5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPHD-001T-P0.5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPHD-001T-P0.5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPHD-001T-P0.5 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPHD-001T-P0.5 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPHD-001T-P0.5 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
415
1.3
2.85
12.8
Model No.
mm2
AWG #
Applicable wire
Q'ty /
reel
Insulation O.D.
(mm)
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
SPAL-001T-P0.5
SPAL-002T-P0.5
1.0
∼1.5
0.9
∼1.5
10,000
10,000
0.13∼0.33
0.08∼0.21
26∼22
28∼24
6.3
A
3.7
B
3.4
4.7
2.0
Circuit No.1
6.3
4.4
A
3.7
B
3.4
2.0
Circuit No.1
Q'ty /
bag
Circuits
Model No.
Material
PA 66, UL94V-0, natural (white)
AB
Dimensions(mm)
2
3
4
5
6
7
8
PALR-02VF
PALR-03VF
PALR-04VF
PALR-05VF
PALR-06VF
PALR-07VF
PALR-08VF
2.0
4.0
6.0
8.0
10.0
12.0
14.0
9.4
11.4
13.4
15.4
17.4
19.4
21.4
1,000
1,000
1,000
1,000
1,000
1,000
1,000
6.3
1.0
A
3.7
B
3.2
3.4
3.25
2.0
Circuit No.1
6.3
A
3.7
B
3.2
3.4
4.4
5.15
1.6
2.0
Circuit No.1
C
+0.1
0
±0.1
D
C
+0.1
0
±0.1
D
Q'ty /
bag
Circuits
Model No.
Material
PA 66, UL94V-0, natural (white)
CD
AB
Dimensions(mm)
2
3
4
6
7
8
PALR-02V
PALR-03V
PALR-04V
PALR-06V
PALR-07V
PALR-08V
9.8
11.8
13.8
19.8
21.8
23.8
13.4
15.4
17.4
21.4
23.4
25.4
1,000
1,000
1,000
1,000
1,000
1,000
2.0
4.0
6.0
10.0
12.0
14.0
9.4
11.4
13.4
17.4
19.4
21.4
PA FAMILY SERIES /PAL CONNECTOR (Wire-to-wire type)
Contact
Crimping
machine
Crimp applicator with dies
Dies
Crimp applicator
Applicator
SPAL-001T-P0.5
AP-K2N
MKS-L
MK/SPAL-001-05
APLMK SPAL001-05
SPAL-002T-P0.5
MKS-L
MK/SPAL-002-05
APLMK SPAL002-05
Without panel locks
(2 to 5 circuits)
With panel locks
(2 to 4 circuits)
(6 to 8 circuits)
Retainers are interchangeable with those of the PA crimp style retainer mountable type.
(6 to 8 circuits)
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PALR-02V(F)-oo-
(blank)…natural (white)
R…red E…blue M…green Y…yellow
Contact
Housing
Retainer
RoHS compliance
RoHS compliance


Similar Part No. - SPHD-001T-P0.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPHD-001T-P0.5 ETC1-SPHD-001T-P0.5 Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
SPHD-001T-P0.5 ETC2-SPHD-001T-P0.5 Datasheet
232Kb / 8P
   Crimping tools and machines
SPHD-001T-P0.5 ETC2-SPHD-001T-P0.5 Datasheet
224Kb / 8P
   APPLICATION TOOLING
SPHD-001T-P0.5 ETC2-SPHD-001T-P0.5 Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SPHD-001T-P0.5 JST-SPHD-001T-P0.5 Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - SPHD-001T-P0.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-03VF ETC2-PALR-03VF Datasheet
330Kb / 12P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
New Jersey Semi-Conduct...
Z130PA20A NJSEMI-Z130PA20A Datasheet
106Kb / 1P
   PA Series
logo
Tyco Electronics
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
logo
Standex Electronics, In...
MS07-PA STANDEX-MS07-PA Datasheet
80Kb / 1P
   MS07-PA SERIES MAGNETIC FLOAT
Rev.01 28.09.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com