Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LF1907-ISSSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16LF1907-ISSSQTP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
Download  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1907-ISSSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC16LF1907-ISSSQTP Datasheet HTML 1Page - Microchip Technology PIC16LF1907-ISSSQTP Datasheet HTML 2Page - Microchip Technology PIC16LF1907-ISSSQTP Datasheet HTML 3Page - Microchip Technology PIC16LF1907-ISSSQTP Datasheet HTML 4Page - Microchip Technology PIC16LF1907-ISSSQTP Datasheet HTML 5Page - Microchip Technology PIC16LF1907-ISSSQTP Datasheet HTML 6Page - Microchip Technology PIC16LF1907-ISSSQTP Datasheet HTML 7Page - Microchip Technology PIC16LF1907-ISSSQTP Datasheet HTML 8Page - Microchip Technology PIC16LF1907-ISSSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 288 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41569A-page 3
PIC16LF1904/6/7
High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• Up to 14 Kbytes Self-Write/Read Flash Program
Memory Addressing
• Up to 256 Bytes Data Memory Addressing
• Operating Speed:
- DC – 20 MHz clock input @ 3.6V
- DC – 16 MHz clock input @ 1.8V
- DC – 200 ns instruction cycle
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with Optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
- Accuracy to ± 3%, typical
- Software selectable frequency range from
16 MHz to 31.25 kHz
• 31 kHz Low-Power Internal Oscillator
• Three External Clock modes up to 20 MHz
• Two-Speed Oscillator Start-up
• Low-Power RTC Implementation via LPT1OSC
Special Microcontroller Features:
• Operating Voltage Range:
-1.8V-3.6V
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Low-Power Brown-Out Reset (LPBOR)
• Extended Watchdog Timer (WDT)
• In-Circuit Serial Programming™ (ICSP™) via
Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Enhanced Low-Voltage Programming (LVP)
• Programmable Code Protection
• Power-Saving Sleep mode
Extreme Low-Power Management
PIC16LF1904/6/7 with nanoWatt XLP:
• Sleep mode: 30 nA @ 1.8V, typical
• Watchdog Timer: 300 nA @ 1.8V, typical
• Timer1 Oscillator: 500 nA @ 1.8V, typical
Analog Features:
• Analog-to-Digital Converter (ADC):
- 10-bit resolution, up to 14 channels
- Conversion available during Sleep
- Dedicated ADC RC oscillator
- Fixed Voltage Reference (FVR) as channel
• Integrated Temperature Indicator
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V
and 2.048V output levels
Peripheral Highlights:
• Up to 36 I/O Pins and 1 Input-only Pin:
- High current 25 mA sink/source
- Individually programmable weak pull-ups
- Individually programmable interrupt-on-
change (IOC) pins
• Integrated LCD Controller:
- At least 19 segment pins and as many as 116
total segments
- Variable clock input
- Contrast control
- Internal voltage reference selections
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Dedicated low-power 32 kHz oscillator driver
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART):
- RS-232, RS-485 and LIN compatible
- Auto-Baud Detect
- Auto-wake-up on start
28/40/44-Pin 8-Bit Flash Microcontrollers with nanoWatt XLP Technology


Similar Part No. - PIC16LF1907-ISSSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1907 MICROCHIP-PIC16LF1907 Datasheet
2Mb / 288P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2011
More results

Similar Description - PIC16LF1907-ISSSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1904 MICROCHIP-PIC16LF1904 Datasheet
2Mb / 288P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2011
PIC16F917 MICROCHIP-PIC16F917 Datasheet
4Mb / 272P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
PIC16F193X MICROCHIP-PIC16F193X_09 Datasheet
4Mb / 508P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2009
PIC16F193X MICROCHIP-PIC16F193X Datasheet
7Mb / 418P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2008
PIC16F1933 MICROCHIP-PIC16F1933_11 Datasheet
4Mb / 430P
   28-Pin Flash-Based, 8-Bit CMOS Microcontrollers LCD Driver and nanoWatt XLP Technology
2011
PIC16F913 MICROCHIP-PIC16F913_07 Datasheet
6Mb / 330P
   28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F722 MICROCHIP-PIC16F722 Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com