Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS11372 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS11372
Description  Duplex Fibre Patchcords
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS11372 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS11372 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS11372 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS11372 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS11372 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS11372 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS11372 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS11372 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Duplex Fibre Patchcords
Page <3>
22/10/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Patchcord, Fibre, Duplex, SC-SC, OM2
Specifications
Port A
Port B
Connector Type
SC/MM
SC/MM
Connector Body
Material
Plastic
Plastic
Colour
Beige
Beige
Connector Boot
Material
Plastic
Plastic
Colour
Red and Black
Red and Black
Patchcord Length (Metre)
Customized
Optical Cable
Fibre Type
OM2 50 / 125 um
Fibre Count
2
Outer Sheath
LSZH
Cable Outer Diameter
2 × 2 mm
Strength Member
DuPont Kevlar
Outer Sheath
LSZH
Cable Colour
Orange
Ferrule
Diameter
2.5 mm
2.5 mm
Type
MM
MM
Material
ZrO2 (Ceramic)
ZrO2 (Ceramic)
Connection at Cable
Crimp
Crimp
Connection at Fibre
353ND Glue
353ND Glue
Connection at Adapter
Plug - In
Plug - In
Polishing
PC
PC
Insertion Loss (dB)
< 0.3
< 0.3
Dimensions : Millimetres


Similar Part No. - PS11372

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS113 SITI-PS113 Datasheet
150Kb / 10P
   3-Channel Secondary Monitoring IC
PS113A SITI-PS113A Datasheet
134Kb / 10P
   3-Channel Secondary Monitoring IC
More results

Similar Description - PS11372

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
OFDS-1 RICHCO-OFDS-1 Datasheet
52Kb / 1P
   OPTICAL FIBRE DUPLEX SPLITTER
logo
Allen-Bradley
889M-F12AH-2 ALLEN-BRADLEY-889M-F12AH-2 Datasheet
34Kb / 1P
   Cordsets and Patchcords
889D-F4AC-2 ALLEN-BRADLEY-889D-F4AC-2 Datasheet
36Kb / 1P
   Cordsets and Patchcords
889R-F6ACA-2 ALLEN-BRADLEY-889R-F6ACA-2 Datasheet
33Kb / 1P
   Cordsets and Patchcords
889M-F12AHMU-0M3 ALLEN-BRADLEY-889M-F12AHMU-0M3 Datasheet
43Kb / 1P
   Cordsets and Patchcords
889N-F4AE-6F ALLEN-BRADLEY-889N-F4AE-6F Datasheet
38Kb / 1P
   Cordsets and Patchcords
logo
Molex Electronics Ltd.
1060343000 MOLEX-1060343000 Datasheet
24Kb / 1P
   SC Connector, Duplex, Fibre Channel, Multimode, 128關m Ceramic Ferrule, 3.00mm Duplex Cable, Beige Housing, Beige Boot, Tunable
1060343100 MOLEX-1060343100 Datasheet
24Kb / 1P
   SC Connector, Duplex, Fibre Channel, Multimode, 128關m Ceramic Ferrule, 1.60mm Duplex Cable, Beige Housing, Beige Boot, Tunable
1060340100 MOLEX-1060340100 Datasheet
24Kb / 1P
   SC Connector, Duplex, Fibre Channel, Multimode, 127關m Ceramic Ferrule, 1.60mm Duplex Cable, Beige Housing, Beige Boot, Tunable
1060340900 MOLEX-1060340900 Datasheet
24Kb / 1P
   SC Connector, Duplex, Fibre Channel, Multimode, 127關m Ceramic Ferrule, 2.00mm Duplex Cable, Beige Housing, Beige Boot, Tunable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com