Electronic Components Datasheet Search |
|
MCP1754STT-3302EMC Datasheet(PDF) 6 Page - Microchip Technology |
|
MCP1754STT-3302EMC Datasheet(HTML) 6 Page - Microchip Technology |
6 / 42 page MCP1754/MCP1754S DS22276A-page 6 © 2011 Microchip Technology Inc. Output Voltage Regulation VOUT VR- 2.0% VR±0. 2% VR+2.0 % V Note 2 VOUT Temperature Coefficient TCVOUT —22 ppm/°C Note 3 Line Regulation ΔV OUT/ (VOUTXΔVIN) -0.05 ±0.01 +0.05 %/V VR + 1V ≤ VIN ≤ 16V Load Regulation ΔV OUT/VOUT -1.1 -0.4 0 %IL = 1.0 mA to 150 mA, Note 4 Dropout Voltage (Note 5)VDROPOUT —300 500 mV IL = 150 mA Dropout Current IDO —50 85 µA VIN = 0.95VR, IOUT = 0 mA Undervoltage Lockout Undervoltage Lockout UVLO — 2.95 — V Rising VIN Undervoltage Lockout Hysterisis UVLOHYS — 285 — mV Falling VIN Shutdown Input Logic High Input VSHDN-HIGH 2.4 —VIN(MAX) V Logic Low Input VSHDN-LOW 0.0 — 0.8 V Shutdown Input Leakage Current SHDNILK — — 0.100 0.500 0.500 2.0 µA SHDN = GND SHDN = 16V Power Good Output PWRGD Input Voltage Operating Range VPWRGD_VIN 1.7 —VIN VISINK = 1 mA PWRGD Threshold Volt- age (Referenced to VOUT) VPWRGD_TH 90 92 94 %VOUT Falling Edge of VOUT PWRGD Threshold Hysteresis VPWRGD_HYS —2.0 — %VOUT Rising Edge of VOUT PWRGD Output Voltage Low VPWRGD_L —0.2 0.6 VIPWRGD_SINK = 5.0 mA, VOUT = 0V PWRGD Output Sink Current IPWRGD_L 5.0 —— mA VPWRGD ≤ 0.4V PWRGD Leakage Current IPWRGD_LK —40 700 nA VPWRGD Pullup = 10 KΩ to VIN, VIN = 16V AC/DC CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise specified, all limits are established for VIN = VR + 1V, Note 1, ILOAD = 1 mA, COUT = 1 µF (X7R), CIN = 1 µF (X7R), TA = 25°C, tr(VIN) = 0.5V/µs, SHDN = VIN, PWRGD = 10K to VOUT. Boldface type applies for junction temperatures, TJ (Note 7) of -40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Note 1: The minimum VIN must meet two conditions: VIN ≥ 3.6V and VIN ≥ VR + VDROPOUT(MAX). 2: VR is the nominal regulator output voltage when the input voltage VIN = VRated + VDROPOUT(MAX) or ViIN = 3.6V (which- ever is greater); IOUT = 1 mA. 3: TCVOUT = (VOUT-HIGH - VOUT-LOW) *10 6 / (V R * ΔTemperature), VOUT-HIGH = highest voltage measured over the temperature range. VOUT-LOW = lowest voltage measured over the temperature range. 4: Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to heating effects are determined using thermal regulation specification TCVOUT. 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal VR measured value. The nominal VR measured value is obtained with 6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipation will cause the device operating junction temperature to exceed the maximum 150°C rating. Sustained junction temperatures above 150°C can impact the device reliability. 7: The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the ambient temperature is not significant. |
Similar Part No. - MCP1754STT-3302EMC |
|
Similar Description - MCP1754STT-3302EMC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |