Electronic Components Datasheet Search |
|
PEL12S-4030F-N1024 Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
PEL12S-4030F-N1024 Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
2 / 4 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 3312 - 2 mm SMD Trimming Potentiometer PEL12S-4xxxS-Nxxxx (Horizontal Mount w/Single LED, No Switch, Knurled Shaft) PEL12S-4xxxF-Nxxxx (Horizontal Mount w/Single LED, No Switch, Flatted Shaft) 18.0 (.709) 24.0 (.945) 6.0 (.236) 2.0 ± 0.1 (.079 ± .004) TERMINAL DETAIL 0.9 ± 0.1 (.035 ± .004) DIA. 5 PLCS. 1.1 +0.2/-0 (.043 +.008/-0) 13.2 ± 0.1 (.520 ± .004) A C B 2.1 +0.1/-0 (.083 +.004/-0) 2 PLCS. LED 2.0 +0.1/-0 (.079 +.004/-0) 2 PLCS. 7.5 ± 0.1 (.295 ± .004) 7.0 ± 0.1 (.276 ± .004) 5.0 (.197) 5.0 ± 0.1 (.197 ± .004) 5.0 ± 0.1 (.197 ± .004) 8.2 (.323) 12.4 (.488) 14.0 (.551) 3.5 (.138) DIA. 6.8 (.268) MOUNTING SURFACE 0.8 (.031) 10.2 (.402) 13.2 (.520) 6.0 (.236) DIA. 18 TEETH 5.0 (.197) 7.0 (.276) 3.5 (.138) 5.0 (.197) 8.2 (.323) 12.4 (.488) 14.0 (.551) 10.2 (.402) 13.2 (.520) A C B A C B L1 LM 6.0 (.236) 2.0 ± 0.1 (.079 ± .004) 3.5 (.138) DIA. 6.8 (.268) MOUNTING SURFACE 0.8 (.031) 0.5 (.020) 4.5 ± 0.05 (.177 ± .002) 6.0 ± 0.1 (.236 ± .004) DIA. 5.0 (.197) 1.5 (.591) 3.5 (.138) PEL12S - 12 mm Encoder with Illuminated Shaft Product Dimensions Applications Level control, tuning and timer settings in: ■ Audio-visual equipment ■ Consumer electric appliances ■ Musical instrumentation ■ Communications equipment L1 LM 3 (.118) 15 (.591) 5 (.197) 17.5 (.689) 7 (.276) 20 (.787) 12 (.472) 25 (.984) 12 (.472) 30 (1.181) ( + ) ( - ) Single LED Circuit DIMENSIONS: MM (INCHES) UNDER = 10.0 (.394) TOLERANCES: ±0.3 (±.012) = 10.0 ~ 100 (.394 ~ 3.937) ±0.5 (±.020) |
Similar Part No. - PEL12S-4030F-N1024 |
|
Similar Description - PEL12S-4030F-N1024 |