Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A62S7316V-70S Datasheet(PDF) 6 Page - AMIC Technology

Part # A62S7316V-70S
Description  128K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S7316V-70S Datasheet(HTML) 6 Page - AMIC Technology

Back Button A62S7316V-70S Datasheet HTML 2Page - AMIC Technology A62S7316V-70S Datasheet HTML 3Page - AMIC Technology A62S7316V-70S Datasheet HTML 4Page - AMIC Technology A62S7316V-70S Datasheet HTML 5Page - AMIC Technology A62S7316V-70S Datasheet HTML 6Page - AMIC Technology A62S7316V-70S Datasheet HTML 7Page - AMIC Technology A62S7316V-70S Datasheet HTML 8Page - AMIC Technology A62S7316V-70S Datasheet HTML 9Page - AMIC Technology A62S7316V-70S Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
A62S7316 Series
PRELIMINARY
(March, 2001, Version 0.2)
5
AMIC Technology, Inc.
Truth Table
CE
OE
WE
LB
HB
I/O0 to I/O7 Mode
I/O8 to I/O15 Mode
VCC Current
H
X
X
X
X
Not selected
Not selected
ISB1, ISB
L
L
Read
Read
ICC1, ICC2, ICC
L
L
H
L
H
Read
High - Z
ICC1, ICC2, ICC
H
L
High - Z
Read
ICC1, ICC2, ICC
L
L
Write
Write
ICC1, ICC2, ICC
L
X
L
L
H
Write
Not Write/Hi - Z
ICC1, ICC2, ICC
H
L
Not Write/Hi - Z
Write
ICC1, ICC2, ICC
L
X
High - Z
High - Z
ICC1, ICC2, ICC
L
H
H
X
L
High - Z
High - Z
ICC1, ICC2, ICC
X
X
X
H
H
Not selected
Not selected
ISB1, ISB
Note: X = H or L
Capacitance (TA = 25
°C, f = 1.0MHz)
Symbol
Parameter
Min.
Max.
Unit
Conditions
CIN*
Input Capacitance
-
6
pF
VIN = 0V
CI/O*
Input/Output Capacitance
-
8
pF
VI/O = 0V
* These parameters are sampled and not 100% tested.


Similar Part No. - A62S7316V-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S7308B AMICC-A62S7308B Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308BG-55S AMICC-A62S7308BG-55S Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308BG-55SI AMICC-A62S7308BG-55SI Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308BG-70S AMICC-A62S7308BG-70S Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308BG-70SI AMICC-A62S7308BG-70SI Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S7316V-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T Datasheet
160Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-I AMICC-LP62S16128C-I Datasheet
166Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I_15 Datasheet
179Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128-T AMICC-LP62S16128-T Datasheet
158Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T_15 Datasheet
216Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-M AMICC-LP62S16128B-M Datasheet
159Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T_15 Datasheet
197Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-T AMICC-LP62S16128C-T Datasheet
165Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com