Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1754STT-1802EDB Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1754STT-1802EDB
Description  150 mA, 16V, High Performance LDO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1754STT-1802EDB Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1754STT-1802EDB Datasheet HTML 7Page - Microchip Technology MCP1754STT-1802EDB Datasheet HTML 8Page - Microchip Technology MCP1754STT-1802EDB Datasheet HTML 9Page - Microchip Technology MCP1754STT-1802EDB Datasheet HTML 10Page - Microchip Technology MCP1754STT-1802EDB Datasheet HTML 11Page - Microchip Technology MCP1754STT-1802EDB Datasheet HTML 12Page - Microchip Technology MCP1754STT-1802EDB Datasheet HTML 13Page - Microchip Technology MCP1754STT-1802EDB Datasheet HTML 14Page - Microchip Technology MCP1754STT-1802EDB Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22276A-page 11
MCP1754/MCP1754S
Note:
Unless otherwise indicated VR = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 1 mA, TA = +25 °C,
VIN = VR + 1V or VIN = 3.6V (whichever is greater), SHDN = VIN, package = SOT223.
FIGURE 2-13:
Dropout Voltage vs. Load
Current.
FIGURE 2-14:
Dropout Voltage vs. Load
Current.
FIGURE 2-15:
Dynamic Line Response.
FIGURE 2-16:
Dynamic Line Response.
FIGURE 2-17:
Short Circuit Current vs.
Input Voltage.
0.000
0.100
0.200
0.300
0.400
0.500
0
15
30
45
60
75
90 105 120 135 150
Load Current (mA)
V
OUT = 3.3V
+25
°C
+130
°C
-45
°C
0
°C
+90
°C
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.350
0.400
0
15
30
45
60
75
90 105 120 135 150
Load Current (mA)
V
OUT = 3.3V
+25
°C
+130
°C
-45
°C
0
°C
+90
°C
0
10
20
30
40
50
468
10
12
14
16
Input Voltage (V)
V
OUT = 3.3V
25
°C
90
°C
130
°C
0
°C
-45
°C


Similar Part No. - MCP1754STT-1802EDB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1754STT-1802EDB MICROCHIP-MCP1754STT-1802EDB Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
More results

Similar Description - MCP1754STT-1802EDB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
MCP1755 MICROCHIP-MCP1755_12 Datasheet
2Mb / 40P
   300 mA, 16V, High-Performance LDO
2012 11/29/12
MIC5376 MICROCHIP-MIC5376 Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
   LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com