Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1J-B28-N00025L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # ENA1J-B28-N00025L
Description  Rotary Optical Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ENA1J-B28-N00025L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  ENA1J-B28-N00025L Datasheet HTML 1Page - Bourns Electronic Solutions ENA1J-B28-N00025L Datasheet HTML 2Page - Bourns Electronic Solutions ENA1J-B28-N00025L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
EN - Rotary Optical Encoder
Dimensional Drawings
Optional
Radial Leads
A
-+
B
GROUND
N.C.
Vcc
CHANNEL B
CHANNEL A
TERMINATION DIAGRAM
2.54
(.100)
TYP.
SQ.
1/4-32 UNEF
DIA.
3/8-32 UNEF
3/8-32 UNEF
1/4-32 UNEF
Optional
Radial Leads
Bushing Style C
Bushing Style S
(Ball Bearing)
Bushing Style A
Shaft End Style C
Bushing Style T
(Ball Bearing)
Servo Mount Style W (Ball Bearing)
9.525
(.375)
.635
(.025)
18.5
(.73)
6.35
(.250)
6.34
(.2497)
5.54
(.218)
F
3.167 + .000/ – .0076
(.1247 + .000/ – .0003)
8.636
(.34 )
4 PLCS.
2 PLCS.
Recommended Board Layout
with Bracket
Bushing with Bracket
Radial Leads
Axial Ribbon Cable Option
Radial Ribbon Cable Option
Ribbon Cable Option Detail
Connector
Pinout
Connector
Pinout
18.11
(.713)
11.13
(.438)
4.14
(.163)
2.54
(.100)
6.99
(.275)
9 PLCS.
DIA. MIN.
0.99
(.039)
15.88
(.625)
1.37
(.054)
21.21
(.835)
2.36
(.093)
9.53
(.375)
6.342 + .000/ – .0076
(.2497 + .000/ – .0003)
10.32 + .000/ – .0508
(.4062 + .000/ – .002)
9.53
(.375)
9.53
(.375)
DIA.
6.342 + .000/ – .0076
(.2497 + .000/ – .0003)
DIA.
1.57
(.062)
DIA.
3.167 + .000/ – .0076
(.1247 + .000/ – .003)
1.57
(.062)
9.53
(.375)
DIA.
7.14 + .000/ – .0508
(.281 + .000/ – .002)
DIA.
1.57
(.062)
1.57
(.062)
DIA.
3.167 + .000/ – .0076
(.1247 + .000/ – .003)
21.8
(.86)
DIA.
19.05
± .0127
(.7500
± .0005)
DIA.
22.2 + .0127 / – .1270
(.875 + .0005 / – .0050)
1.57
(.062)
.787
± .254
(.031
± .010)
.254
± .076
(.010 .003)
R.
Anti-rotation Lug
View
SHAFT
LENGTH
SHAFT FLAT
LENGTH
(DIM. F)
12.7
(.050)
15.9
(.625)
19.1
(.750)
2.54
(.100)
5.08
(.200)
8.25
(.325)
22.2
(.875)
9.65
(.380)
A
—+ B
5
4
3
2
1
5
4
3
2
1
DIMENSIONS:
MM
(INCHES)
Consult factory for options not shown,
including:
• Wire lead or cable options
• Connectors
• Non-standard resolutions
• Special shaft/bushing sizes and
features
• Special performance characteristics
• PCB mounting bracket


Similar Part No. - ENA1J-B28-N00025L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENA1J-B28-L00025 ETC1-ENA1J-B28-L00025 Datasheet
257Kb / 2P
   OPTICAL INTREMNETA ENCDES
ENA1J-B28-L00050 ETC1-ENA1J-B28-L00050 Datasheet
257Kb / 2P
   OPTICAL INTREMNETA ENCDES
ENA1J-B28-L00064 ETC1-ENA1J-B28-L00064 Datasheet
257Kb / 2P
   OPTICAL INTREMNETA ENCDES
ENA1J-B28-L00100.00128 ETC1-ENA1J-B28-L00100.00128 Datasheet
257Kb / 2P
   OPTICAL INTREMNETA ENCDES
logo
Bourns Electronic Solut...
ENA1J-B28-L00128L BOURNS-ENA1J-B28-L00128L Datasheet
289Kb / 3P
   EN - Rotary Optical Encoder
More results

Similar Description - ENA1J-B28-N00025L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
ENA1J-B28-L00128L BOURNS-ENA1J-B28-L00128L Datasheet
289Kb / 3P
   EN - Rotary Optical Encoder
logo
List of Unclassifed Man...
LPD3806-100BM-G5-24C ETC-LPD3806-100BM-G5-24C Datasheet
235Kb / 2P
   DIGITAL OPTICAL ROTARY ENCODER
logo
Bourns Electronic Solut...
ENS1J-B28-L00256L BOURNS-ENS1J-B28-L00256L Datasheet
274Kb / 3P
   EN - Rotary Optical Encoder
EM14-14 BOURNS-EM14-14 Datasheet
462Kb / 5P
   Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
   14 mm Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
   14 mm Rotary Optical Encoder w/Switch
EM14R1D-R20 BOURNS-EM14R1D-R20 Datasheet
504Kb / 5P
   EM14 - 14 mm Rotary Optical Encoder w/Switch
EM14A0D-C24-L032S BOURNS-EM14A0D-C24-L032S Datasheet
504Kb / 5P
   EM14 - 14 mm Rotary Optical Encoder w/Switch
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com