Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEL12D-4031F-S1024 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PEL12D-4031F-S1024
Description  12 mm Encoder with Switch and Illuminated Shaft
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEL12D-4031F-S1024 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PEL12D-4031F-S1024 Datasheet HTML 1Page - Bourns Electronic Solutions PEL12D-4031F-S1024 Datasheet HTML 2Page - Bourns Electronic Solutions PEL12D-4031F-S1024 Datasheet HTML 3Page - Bourns Electronic Solutions PEL12D-4031F-S1024 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
How To Order
PEL12D - 4 0 21 F - S 1 024
Model
Terminal Configuration
2 = Vertical Mount/Side Exit PC Pin
4 = Horizontal Mount/Rear Exit PC Pin
Detent Option
0 = No Detents
2 = 24 Detents
Standard Shaft Length
Flatted:
Knurled:
16 = 16.0 mm
26 = 26.0 mm
25 = 25.0 mm
18 = 18.5 mm
31 = 31.0 mm
21 = 21.0 mm
Shaft Style
F = Insulated Flatted Shaft
S = Insulated Knurled Shaft (18 Teeth)
G = Insulated Flatted Shaft w/Bushing***
T = Insulated Knurled Shaft (18 Teeth) w/Bushing
Switch Configuration
S = Push Momentary Switch
LED Color
Dual:
1 = Blue/Orange
2 = Green/Red
3 = Blue/Green
Resolution
024 = 24 Pulses per 360 ° Rotation
*** Available in 18.5, 21 and 26 mm shaft lengths
Features
Compact design, long life and high
reliability
Vertical and horizontal mount versions
Momentary switch
Dual LED design
Flatted and knurled shaft styles
Bushing and bushingless options
PEL12D - 12 mm Encoder with Switch and Illuminated Shaft
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Devices are tested using standard noise reduction filters. For optimum performance, designers should use noise reduction filters in their circuits.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Output.....................................................................................................................................................................................2-bit quadrature code
Closed Circuit Resistance ........................................................................................................................................................... 3 ohms maximum
Contact Rating.............................................................................................................................................................................. 0.5 mA @ 5 VDC
Insulation Resistance ....................................................................................................................................................100 megohms @ 250 VDC
Dielectric Withstanding Voltage
Sea Level ................................................................................................................................................................................ 300 VAC minimum
Electrical Travel ......................................................................................................................................................................................Continuous
Contact Bounce (15 RPM).........................................................................................................................................................2.0 ms. maximum**
RPM (Operating) ............................................................................................................................................................................ 100 maximum**
Environmental Characteristics
Operating Temperature Range .......................................................................................................................-10 °C to +70 °C (+14 °F to +158 °F)
Storage Temperature Range .......................................................................................................................... -40 °C to +85 °C (-40 °F to +185 °F)
Operating Humidity..................................................................................................................................................................... 25 % to 85 % R.H.
Rotational Life..................................................................................................................................................................... 30,000 cycles minimum
Switch Life .......................................................................................................................................................................... 20,000 cycles minimum
IP Rating...........................................................................................................................................................................................................IP 40
Mechanical Characteristics
Mechanical Angle .......................................................................................................................................................................... 360 ° continuous
Detent Torque ..................................................................................................................................................30 to 200 g-cm (0.42 to 2.77 oz.-in.)
Running Torque ..................................................................................................................................................... 50 g-cm (0.69 oz.-in.) maximum
Shaft Strength (Push) ...................................................................................................................................................................... 5 kgf (11.0 lbs.)
Shaft Strength (Pull) ...................................................................................................................................................................... 10 kgf (22.0 lbs.)
Weight ............................................................................................................................................................................... 3 gm (0.1 oz.) maximum
Terminals .................................................................................................................................................................. Printed circuit board terminals
Soldering Condition
Wave Soldering..................................................................... Sn95.5/Ag2.8/Cu0.7 solder with no-clean flux: 260 °C max. for 5 ± 1 seconds
Hand Soldering .................................................................................................................................................................. Not recommended
Hardware ...............................................................................................................................................................................No hardware supplied
Switch Characteristics
Switch Type .....................................................................................................................................................Contact Push ON Momentary SPST
Power Rating (Resistive Load) ...................................................................................................................................................... 10 mA at 5 V DC
Contact Resistance ............................................................................................................................................................................100 milliohms
Switch Travel .................................................................................................................................................................................0.5 +0.0/-0.3 mm
Switch Actuation Force .................................................................................................................................................450 ± 200 gf (15.9 ±7.0 oz.)


Similar Part No. - PEL12D-4031F-S1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
More results

Similar Description - PEL12D-4031F-S1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T BOURNS-PEL12T Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024 Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024_16 Datasheet
392Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12S-4020F-N1024 BOURNS-PEL12S-4020F-N1024 Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com