Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMS22R30-M20-MT6 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # EMS22R30-M20-MT6
Description  Non-Contacting PWM Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EMS22R30-M20-MT6 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  EMS22R30-M20-MT6 Datasheet HTML 1Page - Bourns Electronic Solutions EMS22R30-M20-MT6 Datasheet HTML 2Page - Bourns Electronic Solutions EMS22R30-M20-MT6 Datasheet HTML 3Page - Bourns Electronic Solutions EMS22R30-M20-MT6 Datasheet HTML 4Page - Bourns Electronic Solutions EMS22R30-M20-MT6 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMS22P - Non-Contacting PWM Encoder
Output Type Waveform and Variant Table
Applications
Material handling equipment
Brushless DC motor commutation
Robotics
Automotive
Industrial automation
Petroleum refinery
Medical
Office equipment
Audio and broadcast equipment
PWM
R1
C1
C2
R2
analog out
Simple Passive 2nd Order Low Pass Filter
R1, R2
≥ 4.7K Ohms
R1 should be
≥ 4.7K ohms to avoid loading of the PWM output.
Larger values of Rx and Cx will provide better filtering and less
ripple, but will also slow down the response time.
C1, C2
≥ 1 μF / 6 V
Recommended Filter
VSS
PWM Output
Parameter
Symbol
Type
Unit
Note
PWM frequency
fPWM
0.9756
KHz
Signal period: 1025
μs
MIN pulse with
PWMIN
1
μs
Position 0 Angle 0 °
MAX pulse with
PWMAX
1024
μs
Position 1023 Angle 359.65 °
Analog output using an external low pass filter
Vcc
0 V
0 °
360 °
0 deg
(Pos 0)
359.65 deg
(Pos 1023)
1
512
0
1025
1025
PW MAX
t on
t off
PW MIN
1/f PWM
Position = t on * 1025/(t on + t off) - 1
Angle
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - EMS22R30-M20-MT6

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22R30-M20-MT6 BOURNS-EMS22R30-M20-MT6 Datasheet
413Kb / 4P
   Non-Contacting PWM Encoder
More results

Similar Description - EMS22R30-M20-MT6

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22P BOURNS-EMS22P Datasheet
413Kb / 4P
   Non-Contacting PWM Encoder
EMS22Q BOURNS-EMS22Q Datasheet
331Kb / 4P
   Non-Contacting Incremental Encoder
EMS22A BOURNS-EMS22A Datasheet
391Kb / 5P
   Non-Contacting Absolute Encoder
EMS22Q BOURNS-EMS22Q_14 Datasheet
351Kb / 5P
   Non-Contacting Incremental Encoder
EMS22 BOURNS-EMS22 Datasheet
1Mb / 8P
   Non-Contacting Magnetic Encoder
EMS22A BOURNS-EMS22A_13 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
EMS22A50-B28-LS6 BOURNS-EMS22A50-B28-LS6 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
EMS22D BOURNS-EMS22D_14 Datasheet
359Kb / 5P
   Non-Contacting Direction/Step Encoder
EMS22D BOURNS-EMS22D Datasheet
331Kb / 4P
   Non-Contacting Direction/Step Encoder
ECW1J-B24-BC0024L BOURNS-ECW1J-B24-BC0024L Datasheet
304Kb / 3P
   Digital Contacting Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com