Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEL12S-2217F-N1024 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PEL12S-2217F-N1024
Description  12 mm Encoder with Illuminated Shaft
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEL12S-2217F-N1024 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PEL12S-2217F-N1024 Datasheet HTML 1Page - Bourns Electronic Solutions PEL12S-2217F-N1024 Datasheet HTML 2Page - Bourns Electronic Solutions PEL12S-2217F-N1024 Datasheet HTML 3Page - Bourns Electronic Solutions PEL12S-2217F-N1024 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
DIA. 5 PLCS.
1.1 +0.2/-0
(.043 +.008/-0)
LED
2.1 +0.1/-0
(.083 +.004/-0)
2 PLCS.
2.0 +0.1/-0
(.079 +.004/-0)
2 PLCS.
10.8 ± 0.1
(.425 ± .004)
2.5 ± 0.1
(.098 ± .004)
5.0 ± 0.1
(.197 ± .004)
A
C
B
PEL12S-2xxxS-Nxxxx (Vertical Mount w/Single LED, No Switch, Knurled Shaft)
18.0
(.709)
24.0
(.945)
6.0
(.236)
2.0
(.079)
DIA.
6.8
(.268)
0.8
(.031)
6.0
(.236)
DIA.
3.5
(.138)
10.0
(.394)
18 TEETH
5.0
(.197)
7.0
(.276)
2.4
(.094)
5.1
(.201)
10.0
(.394)
8.2
(.323)
12.4
(.488)
10.2
(.402)
13.2
(.520)
A
C
B
3.5 ± 0.1
(.138 ± .004)
PEL12S-2xxxF-Nxxxx (Vertical Mount w/Single LED, No Switch, Flatted Shaft)
6.0
(.236)
2.0
(.079)
DIA.
6.8
(.268)
0.8
(.031)
3.5
(.138)
10.0
(.394)
5.0
(.197)
2.4
(.094)
5.1
(.201)
10.0
(.394)
8.2
(.323)
12.4
(.488)
10.2
(.402)
13.2
(.520)
A
C
B
L1
LM
0.5
(.020)
4.5 ± 0.05
(.177 ± .002)
6.0 ± 0.1
(.236 ± .004)
DIA.
1.5
(.591)
PEL12S - 12 mm Encoder with Illuminated Shaft
Product Dimensions
L1
LM
3
(.118)
15
(.591)
5
(.197)
17.5
(.689)
7
(.276)
20
(.787)
12
(.472)
25
(.984)
12
(.472)
30
(1.181)
DIMENSIONS:
MM
(INCHES)
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)


Similar Part No. - PEL12S-2217F-N1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
More results

Similar Description - PEL12S-2217F-N1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
PEL12D-4021F-S1024 BOURNS-PEL12D-4021F-S1024 Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T BOURNS-PEL12T Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024 Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024_16 Datasheet
392Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com