Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A62S6308G-70S Datasheet(PDF) 8 Page - AMIC Technology

Part # A62S6308G-70S
Description  64K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S6308G-70S Datasheet(HTML) 8 Page - AMIC Technology

Back Button A62S6308G-70S Datasheet HTML 4Page - AMIC Technology A62S6308G-70S Datasheet HTML 5Page - AMIC Technology A62S6308G-70S Datasheet HTML 6Page - AMIC Technology A62S6308G-70S Datasheet HTML 7Page - AMIC Technology A62S6308G-70S Datasheet HTML 8Page - AMIC Technology A62S6308G-70S Datasheet HTML 9Page - AMIC Technology A62S6308G-70S Datasheet HTML 10Page - AMIC Technology A62S6308G-70S Datasheet HTML 11Page - AMIC Technology A62S6308G-70S Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
A62S6308 Series
(October, 1998, Version 2.0)
7
AMIC Technology, Inc.
Timing Waveforms (continued)
Read Cycle 4
(1)
tRC
Address
CE2
DOUT
tAA
tOE
tOLZ5
tACE1
tCLZ15
tACE2
tCLZ25
tCHZ25
tOHZ5
tCHZ15
tOH
OE
CE1
Notes: 1. WE is high for Read Cycle.
2. Device is continuously enabled CE1 = VIL and CE2 = VIH.
3. Address valid prior to or coincident with CE1 transition low.
4. OE = VIL.
5. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.
6. CE2 is high.
7. CE1 is low.
8. Address valid prior to or coincident with CE2 transition high.


Similar Part No. - A62S6308G-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S6308G-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1015 BSI-BS616LV1015 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com