Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8800NEAT Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8800NEAT
Description  300mA CMOS LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8800NEAT Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8800NEAT Datasheet HTML 1Page - Analog Microelectronics AME8800NEAT Datasheet HTML 2Page - Analog Microelectronics AME8800NEAT Datasheet HTML 3Page - Analog Microelectronics AME8800NEAT Datasheet HTML 4Page - Analog Microelectronics AME8800NEAT Datasheet HTML 5Page - Analog Microelectronics AME8800NEAT Datasheet HTML 6Page - Analog Microelectronics AME8800NEAT Datasheet HTML 7Page - Analog Microelectronics AME8800NEAT Datasheet HTML 8Page - Analog Microelectronics AME8800NEAT Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AME, Inc.
1
AME8800 / 8811
300mA CMOS LDO
n
n
n
n
n Typical Application
n
n
n
n
n Functional Block Diagram
n
n
n
n
n Features
l Very Low Dropout Voltage
l Guaranteed 300mA Output
l Accurate to within 1.5%
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Space-Saving SOT-23, SOT-25, SOT-89 and
TO-92 Package
l Factory Pre-set Output Voltages
l Low Temperature Coefficient
n
n
n
n
n General Description
The AME8800/8811 family of positive, linear regula-
tors feature low quiescent current (30
µA typ.) with low
dropout voltage, making them ideal for battery applica-
tions. The space-saving SOT-23, SOT-25, SOT-89 and
TO-92 packages are attractive for "Pocket" and "Hand
Held" aplications.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under
the "Worst" of operating conditions.
The AME8800/8811 is stable with an output capacitance
of 2.2
µF or greater.
n
n
n
n
n Applications
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Electronic Scales
AME8800
AME8811
OUT
IN
C2
2.2
µF
C1
1
µF
IN
GND
OUT
5V
Overcurrent
Shutdown
Thermal
Shutdown
AMP
GND
OUT
IN
R1
R2
V
ref=1.215V


Similar Part No. - AME8800NEAT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8800NEET AME-AME8800NEET Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800NEETL AME-AME8800NEETL Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800NEETY AME-AME8800NEETY Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800NEETZ AME-AME8800NEETZ Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800NEEV AME-AME8800NEEV Datasheet
365Kb / 36P
   300mA CMOS LDO
More results

Similar Description - AME8800NEAT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com