Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A627308V Datasheet(PDF) 6 Page - AMIC Technology

Part # A627308V
Description  128K X 8 BIT CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A627308V Datasheet(HTML) 6 Page - AMIC Technology

Back Button A627308V Datasheet HTML 2Page - AMIC Technology A627308V Datasheet HTML 3Page - AMIC Technology A627308V Datasheet HTML 4Page - AMIC Technology A627308V Datasheet HTML 5Page - AMIC Technology A627308V Datasheet HTML 6Page - AMIC Technology A627308V Datasheet HTML 7Page - AMIC Technology A627308V Datasheet HTML 8Page - AMIC Technology A627308V Datasheet HTML 9Page - AMIC Technology A627308V Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
A627308 Series
PRELIMINARY
(February, 2001, Version 0.2)
5
AMIC Technology, Inc.
AC Characteristics (TA = 0
°C to + 70°, VCC = 5.0V±10%)
Symbol
Parameter
A627308-70S
Unit
Min.
Max.
Read Cycle
tRC
Read Cycle Time
70
-
ns
tAA
Address Access Time
-
70
ns
tACE1
Chip Enable Access Time
CE1
-
70
ns
tACE2
CE2
-
70
ns
tOE
Output Enable to Output Valid
-
35
ns
tCLZ1
Chip Enable to Output in Low Z
CE1
10
-
ns
tCLZ2
CE2
10
-
ns
tOLZ
Output Enable to Output in Low Z
5
-
ns
tCHZ1
Chip Disable to Output in High Z
CE1
0
25
ns
tCHZ2
CE2
0
25
ns
tOHZ
Output Disable to Output in High Z
0
25
ns
tOH
Output Hold from Address Change
10
-
ns
Write Cycle
tWC
Write Cycle Time
70
-
ns
tCW
Chip Enable to End of Write
60
-
ns
tAS
Address Setup Time
0
-
ns
tAW
Address Valid to End of Write
60
-
ns
tWP
Write Pulse Width
50
-
ns
tWR
Write Recovery Time
0
-
ns
tWHZ
Write to Output in High Z
0
30
ns
tDW
Data to Write Time Overlap
30
-
ns
tDH
Data Hold from Write Time
0
-
ns
tOW
Output Active from End of Write
5
-
ns
Notes:
tCHZ1, tCHZ2, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are
not referred to output voltage levels.


Similar Part No. - A627308V

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6273KA ALLEGRO-A6273KA Datasheet
172Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
A6273KA ALLEGRO-A6273KA Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6273KLW ALLEGRO-A6273KLW Datasheet
172Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
A6273KLW ALLEGRO-A6273KLW Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
More results

Similar Description - A627308V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I Datasheet
192Kb / 17P
   128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024E-I AMICC-LP621024E-I Datasheet
173Kb / 15P
   128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I_15 Datasheet
180Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024E AMICC-LP621024E Datasheet
173Kb / 15P
   128K X 8 BIT CMOS SRAM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com