Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A625308AV-70SI Datasheet(PDF) 10 Page - AMIC Technology

Part # A625308AV-70SI
Description  32K X 8 BIT CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A625308AV-70SI Datasheet(HTML) 10 Page - AMIC Technology

Back Button A625308AV-70SI Datasheet HTML 6Page - AMIC Technology A625308AV-70SI Datasheet HTML 7Page - AMIC Technology A625308AV-70SI Datasheet HTML 8Page - AMIC Technology A625308AV-70SI Datasheet HTML 9Page - AMIC Technology A625308AV-70SI Datasheet HTML 10Page - AMIC Technology A625308AV-70SI Datasheet HTML 11Page - AMIC Technology A625308AV-70SI Datasheet HTML 12Page - AMIC Technology A625308AV-70SI Datasheet HTML 13Page - AMIC Technology A625308AV-70SI Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
A625308A Series
PRELIMINARY
(July, 2002, Version 0.2)
9
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0V, 3V
Input Rise And Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figure 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ1,
tCLZ2, tOHZ, tOLZ, tCHZ1,
tCHZ2, tWHZ, and tOW
Data Retention Characteristics (TA = 0
°C to +70°C, -25°C to +85°C or -40°C to +85°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR
VCC for Data Retention
2.0
5.5
V
CE
≥ VCC - 0.2V
ICCDR
Data Retention Current
-
3
µA
VCC = 2.0V,
CE
≥ VCC - 0.2V
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
ns
tR
Operation Recovery Time
tRC
-
ns
See Retention Waveform


Similar Part No. - A625308AV-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results

Similar Description - A625308AV-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com