Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCH1T45DBVTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 74AVCH1T45DBVTG4
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVCH1T45DBVTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74AVCH1T45DBVTG4 Datasheet HTML 3Page - Texas Instruments 74AVCH1T45DBVTG4 Datasheet HTML 4Page - Texas Instruments 74AVCH1T45DBVTG4 Datasheet HTML 5Page - Texas Instruments 74AVCH1T45DBVTG4 Datasheet HTML 6Page - Texas Instruments 74AVCH1T45DBVTG4 Datasheet HTML 7Page - Texas Instruments 74AVCH1T45DBVTG4 Datasheet HTML 8Page - Texas Instruments 74AVCH1T45DBVTG4 Datasheet HTML 9Page - Texas Instruments 74AVCH1T45DBVTG4 Datasheet HTML 10Page - Texas Instruments 74AVCH1T45DBVTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVCH1T45
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES598D – JULY 2004 – REVISED JANUARY 2008
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.9
0.7
5.6
0.6
5.2
0.5
4.2
0.5
3.8
A
B
ns
tPHL
2.9
0.7
5.6
0.6
5.2
0.5
4.2
0.5
3.8
tPLH
2.6
0.6
5.5
0.4
5.3
0.3
4.9
0.3
4.8
B
A
ns
tPHL
2.6
0.6
5.5
0.4
5.3
0.3
4.9
0.3
4.8
tPHZ
3.8
1.6
6.7
1.5
6.8
0.3
6.9
0.9
6.9
DIR
A
ns
tPLZ
3.8
1.6
6.7
1.5
6.8
0.3
6.9
0.9
6.9
tPHZ
5.1
1.8
8.1
1.6
7.1
1.1
4.7
1.4
4.5
DIR
B
ns
tPLZ
5.1
1.8
8.1
1.6
7.1
1.1
4.7
1.4
4.5
tPZH
(1)
7.7
13.6
12.4
9.6
9.3
DIR
A
ns
tPZL
(1)
7.7
13.6
12.4
9.6
9.3
tPZH
(1)
6.7
12.3
12
11.1
10.7
DIR
B
ns
tPZL
(1)
6.7
12.3
12
11.1
10.7
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.8
0.6
5.3
0.5
5
0.4
3.9
0.4
3.4
A
B
ns
tPHL
2.8
0.6
5.3
0.5
5
0.4
3.9
0.4
3.4
tPLH
2.3
0.5
5.2
0.4
5
0.3
4.6
0.2
4.4
B
A
ns
tPHL
2.3
0.5
5.2
0.4
5
0.3
4.6
0.2
4.4
tPHZ
3.8
1.6
5.9
1.6
5.9
1.6
5.9
0.5
6
DIR
A
ns
tPLZ
3.8
1.6
5.9
1.6
5.9
1.6
5.9
0.5
6
tPHZ
5
1.8
7.7
1.4
6.8
1
4.4
1.4
4.3
DIR
B
ns
tPLZ
5
1.89
7.7
1.4
6.8
1
4.4
1.4
4.3
tPZH
(1)
7.3
12.9
11.8
9
8.7
DIR
A
ns
tPZL
(1)
7.3
12.9
11.8
9
8.7
tPZH
(1)
6.5
11.2
10.9
9.8
9.4
DIR
B
ns
tPZL
(1)
6.5
11.2
10.9
9.8
9.4
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AVCH1T45


Similar Part No. - 74AVCH1T45DBVTG4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AVCH1T45DW-7 DIODES-74AVCH1T45DW-7 Datasheet
565Kb / 17P
   SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
More results

Similar Description - 74AVCH1T45DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_09 Datasheet
831Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_10 Datasheet
863Kb / 26P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com