Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECW0D-B28-BE0006L Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # ECW0D-B28-BE0006L
Description  Digital Contacting Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ECW0D-B28-BE0006L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  ECW0D-B28-BE0006L Datasheet HTML 1Page - Bourns Electronic Solutions ECW0D-B28-BE0006L Datasheet HTML 2Page - Bourns Electronic Solutions ECW0D-B28-BE0006L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
ECW - Digital Contacting Encoder
How to Order
PART NUMBERING SYSTEM
EC W 1
J
-
B 2
4
-
B C 0
0
24L
Code
C
Rotational Life
200,000 Revolutions
Code
W
L
T
Description
9 mm x 1/4 " Length. Threaded M9x0.75
9 mm x 3/8 " Length. Threaded M9x0.75
(Use B shaft only.)
9 mm x 1/4 ". No Thread.
BUSHING CONFIGURATION
Code
0
1
Description
Not Applicable
Normally Open
SWITCHING CONFIGURATION (In Detent Position)
Applies to performance codes B0012 and C0024
only, use code "0" for all other performance codes.
Code
J
D
Description
9:00 Position
None
ANTI-ROTATION LUG POSITION
Code
B
C
R
Y
J
Description
Plain with Inserted Slot (1/4 " Dia.)
Single Flatted (1/4 " Dia.)
Plain with Cross Slot (6 mm Dia.)
Split Shaft Version (.185 " Dia.)
Flatted Shaft (3/16 " Dia.)
SHAFT STYLE (See Outline Drawing for Details)
Features
Terminal Cover
Rear-Facing Terminals
Solder Holes
PCB Bracket
Hardware Included
Snap-In Mount
Forward-Facing Terminals
*Bushing code T only.
HOUSING TERMINAL CONFIGURATION
(X indicates “Equipped With”
Code
A
X
X
X
B
X
X
X
C
X
X
D
X
X
E
X
X
X
X
F
X
X
X
G*
X
X
X
H
X
X
K
X
Code
16
20
24
28
32
36
19
22
24
SHAFT LENGTH (FMS)
Available
Shaft Styles
B
J
B, C, J, Y
B, C, J, Y
B, C, J, Y
B, C, J, Y
R
R
R
Description
1/2 " Length
5/8 " (15.9 mm) Length
3/4 " (19 mm) Length
7/8 " (22.2 mm) Length
1 " (25.4 mm) Length
1-1/8 " (28.6 mm) Length
Metric
19 mm Length
22 mm Length
24 mm Length
The sample part number demonstrates the identification
code for Bourns contacting encoders.
Boldface features are Bourns standard options. All others
are available with higher minimum order quantities.
Code
E0006
E0009
E0012
E0024
E0036
B0012
C0006
C0024
D0009
PERFORMANCE CODE
Cycles/Rev.
6
9
12
24
36
12
6
24
9
Detents
0
0
0
0
0
12
24
36
Code
L
Description
Compliant
RoHS IDENTIFIER
REV. 02/13


Similar Part No. - ECW0D-B28-BE0006L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECW0.2 ETC2-ECW0.2 Datasheet
118Kb / 1P
   Copper Enamelled Wire
ECW0.224 ETC2-ECW0.224 Datasheet
118Kb / 1P
   Copper Enamelled Wire
ECW0.25 ETC2-ECW0.25 Datasheet
118Kb / 1P
   Copper Enamelled Wire
ECW0.315 ETC2-ECW0.315 Datasheet
118Kb / 1P
   Copper Enamelled Wire
ECW0.4 ETC2-ECW0.4 Datasheet
118Kb / 1P
   Copper Enamelled Wire
More results

Similar Description - ECW0D-B28-BE0006L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ECW BOURNS-ECW_09 Datasheet
251Kb / 3P
   Digital Contacting Encoder
ECW BOURNS-ECW Datasheet
456Kb / 3P
   Digital Contacting Encoder
ECW1J-C24-BC0024L BOURNS-ECW1J-C24-BC0024L Datasheet
304Kb / 3P
   ECW - Digital Contacting Encoder
ECW0J-B24-BC0006L BOURNS-ECW0J-B24-BC0006L Datasheet
304Kb / 3P
   ECW - Digital Contacting Encoder
EPS BOURNS-EPS Datasheet
179Kb / 3P
   Digital Contacting Encoder With Momentary Switch Option
ES-L BOURNS-ES-L Datasheet
173Kb / 3P
   Shaftless Contacting Encoder
EMS22Q BOURNS-EMS22Q Datasheet
331Kb / 4P
   Non-Contacting Incremental Encoder
EMS22A BOURNS-EMS22A Datasheet
391Kb / 5P
   Non-Contacting Absolute Encoder
EMS22P BOURNS-EMS22P_14 Datasheet
405Kb / 5P
   Non-Contacting PWM Encoder
EMS22P BOURNS-EMS22P Datasheet
413Kb / 4P
   Non-Contacting PWM Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com