Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3444MM Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3444MM
Description  AC-DC Offline LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444MM Datasheet(HTML) 1 Page - Texas Instruments

  LM3444MM Datasheet HTML 1Page - Texas Instruments LM3444MM Datasheet HTML 2Page - Texas Instruments LM3444MM Datasheet HTML 3Page - Texas Instruments LM3444MM Datasheet HTML 4Page - Texas Instruments LM3444MM Datasheet HTML 5Page - Texas Instruments LM3444MM Datasheet HTML 6Page - Texas Instruments LM3444MM Datasheet HTML 7Page - Texas Instruments LM3444MM Datasheet HTML 8Page - Texas Instruments LM3444MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
ICOLL
V+
VAC
+
+
1
2
3
4
5
6
7
8
9
1
0
-
VLED
G
N
D
VC
C
FILT
ER
NC
NC
ISN
S
GAT
E
NC
CO
FF
N
C
LM344
4
VLED-
D
3
C
7
C
9
C
1
0
D
4
D
8
D
9
R
2
D
1
Q
1
C
5
C
1
2
D2
D1
0
Q2
L
2
Q3
R
3
R
4
C
1
1
C
4
U1
VBUCK
BR1
LINE VOLTAGE (VAC)
95.0
90.0
85.0
80.0
75.0
80
90
100
110
120
130
140
14 Series connected LEDs
10 Series connected LEDs
LM3444
www.ti.com
SNVS682C – NOVEMBER 2010 – REVISED MAY 2013
AC-DC Offline LED Driver
Check for Samples: LM3444
1
FEATURES
DESCRIPTION
The LM3444 is an adaptive constant off-time AC/DC
2
Application Voltage Range 80VAC – 277VAC
buck (step-down) constant current controller that
Capable of Controlling LED Currents Greater
provides a constant current for illuminating high
than 1A
power LEDs. The high frequency capable architecture
Adjustable Switching Frequency
allows the use of small external passive components.
A passive PFC circuit ensures good power factor by
Low Quiescent Current
drawing current directly from the line for most of the
Adaptive Programmable Off-time Allows for
cycle, and provides a constant positive voltage to the
Constant Ripple Current
buck regulator. Additional features include thermal
Thermal Shutdown
shutdown,
current
limit
and
VCC under-voltage
lockout. The LM3444 is available in a low profile 10-
No 120Hz Flicker
pin VSSOP package or an 8-lead SOIC package.
Low Profile 10-Pin VSSOP Package or 8-Lead
SOIC Package
Patent Pending Drive Architecture
APPLICATIONS
Solid State Lighting
Industrial and Commercial Lighting
Residential Lighting
TYPICAL LM3444 LED DRIVER APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3444MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM/NOPB TI1-LM3444MM/NOPB Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MMX TI-LM3444MMX Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MMX/NOPB TI1-LM3444MMX/NOPB Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
More results

Similar Description - LM3444MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com