Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT72241L20RJ Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ACT72241L20RJ
Description  SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT72241L20RJ Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT72241L20RJ Datasheet HTML 1Page - Texas Instruments SN74ACT72241L20RJ Datasheet HTML 2Page - Texas Instruments SN74ACT72241L20RJ Datasheet HTML 3Page - Texas Instruments SN74ACT72241L20RJ Datasheet HTML 4Page - Texas Instruments SN74ACT72241L20RJ Datasheet HTML 5Page - Texas Instruments SN74ACT72241L20RJ Datasheet HTML 6Page - Texas Instruments SN74ACT72241L20RJ Datasheet HTML 7Page - Texas Instruments SN74ACT72241L20RJ Datasheet HTML 8Page - Texas Instruments SN74ACT72241L20RJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN74ACT72211L, SN74ACT72221L, SN74ACT72231L, SN74ACT72241L
512 × 9, 1024 × 9, 2048 × 9, AND 4096 × 9
SYNCHRONOUS FIRST IN, FIRST OUT MEMORIES
SCAS222 − FEBRUARY 1993 − REVISED JUNE 1993
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
flag programming (continued)
The contents of the offset registers can be read to the data outputs when WEN2/LD is low and both REN1 and
REN2 are low. Low-to-high transitions of RCLK read the register contents to the data outputs. Writes and reads
should not be performed simultaneously on the offset registers (see Figure 1 and Table 1).
Empty Offset (LSB) Register
Default Value = 007h
SN74ACT72211L − 512
× 9-Bit
87
0
81
0
(MSB)
0
Full Offset (LSB) Register
Default Value = 007h
87
0
81
0
(MSB)
0
Empty Offset (LSB) Register
Default Value = 007h
SN74ACT72221L − 1024
× 9-Bit
87
0
81
0
(MSB)
00
Full Offset (LSB) Register
Default Value = 007h
87
0
81
0
(MSB)
00
Empty Offset (LSB) Register
Default Value = 007h
SN74ACT72231L − 2048
× 9-Bit
87
0
82
0
(MSB)
000
Full Offset (LSB) Register
Default Value = 007h
87
0
82
0
(MSB)
000
Empty Offset (LSB) Register
Default Value = 007h
SN74ACT72241L − 4096
× 9-Bit
87
0
83
0
(MSB)
0000
Full Offset (LSB) Register
Default Value = 007h
87
0
83
0
(MSB)
0000
Figure 1. Offset Register Location and Default Values


Similar Part No. - SN74ACT72241L20RJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT72241L20RJ TI1-SN74ACT72241L20RJ Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72241L20RJR TI1-SN74ACT72241L20RJR Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74ACT72241L20RJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
Texas Instruments
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com